Electronic Components Datasheet Search
  English  ▼

X  

PCI1520 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # PCI1520
Description  PC CARD CONTROLLERS
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1520 Datasheet(HTML) 43 Page - Texas Instruments

Back Button PCI1520 Datasheet HTML 39Page - Texas Instruments PCI1520 Datasheet HTML 40Page - Texas Instruments PCI1520 Datasheet HTML 41Page - Texas Instruments PCI1520 Datasheet HTML 42Page - Texas Instruments PCI1520 Datasheet HTML 43Page - Texas Instruments PCI1520 Datasheet HTML 44Page - Texas Instruments PCI1520 Datasheet HTML 45Page - Texas Instruments PCI1520 Datasheet HTML 46Page - Texas Instruments PCI1520 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 138 page
background image
3−7
Table 3−3. Functionality of the ZV Output Signals
INPUTS
OUTPUTS
PORTSEL
SOCKET 0 ENABLE
SOCKET 1 ENABLE
ZVSEL0
ZVSEL1
ZVSTAT
X
0
0
1
1
0
0
1
X
0
1
1
0
0
1
1
0
1
1
X
1
1
0
1
1
1
0
0
1
1
Also shown in Figure 3−5 is a third ZV input that can be provided from a source such as a high-speed serial bus like
IEEE 1394. The ZVSTAT signal provides a mechanism to switch the third ZV source. ZVSTAT is an active-high output
indicating that one of the PCI1520 sockets is enabled for ZV mode. The implementation shown in Figure 3−5 can be
used if PC Card ZV is prioritized over other sources.
3.5.4
Standardized Zoomed-Video Register Model
The standardized zoomed-video register model is defined for the purpose of standardizing the ZV port control for PC
Card controllers across the industry. The following list summarizes the standardized zoomed-video register model
changes to the existing PC Card register set.
•
Socket present state register (CardBus socket address + 08h, see Section 6.3)
Bit 27 (ZVSUPPORT) has been added. The platform BIOS can set this bit via the socket force event register
(CardBus socket address + 0Ch, see Section 6.4) to define whether zoomed video is supported on that
socket by the platform.
•
Socket force event register (CardBus socket address + 0Ch, see Section 6.4)
Bit 27 (FZVSUPPORT) has been added. The platform BIOS can use this bit to set the ZVSUPPORT bit in
the socket present state register (CardBus socket address + 08h, see Section 6.3) to define whether
zoomed video is supported on that socket by the platform.
•
Socket control register (CardBus socket address +10h, see Section 6.5)
Bit 11 (ZV_ACTIVITY) has been added. This bit is set when zoomed video is enabled for either of the PC
Card sockets.
Bit 10 (STDZVREG) has been added. This bit defines whether the PC Card controller supports the
standardized zoomed-video register model.
Bit 9 (ZVEN) is provided for software to enable or disable zoomed video, per socket.
If the STDZVEN bit (bit 0) in the diagnostic register (PCI offset 93h, see Section 4.34) is 1, then the standardized
zoomed video register model is disabled. For backward compatibility, even if the STDZVEN bit is 0 (enabled), the
PCI1520 allows software to access zoomed video through the legacy address in the card control register (PCI offset
91h, see Section 4.32), or through the new register model in the socket control register (CardBus socket address +
10h, see Section 6.5).
3.5.4.1 Zoomed-Video Card Insertion and Configuration Procedure
1.
A zoomed-video PC Card is inserted into an empty slot.
2.
The card is detected and interrogated appropriately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com