Electronic Components Datasheet Search
  English  ▼

X  

PCI1520 Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # PCI1520
Description  PC CARD CONTROLLERS
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1520 Datasheet(HTML) 79 Page - Texas Instruments

Back Button PCI1520 Datasheet HTML 75Page - Texas Instruments PCI1520 Datasheet HTML 76Page - Texas Instruments PCI1520 Datasheet HTML 77Page - Texas Instruments PCI1520 Datasheet HTML 78Page - Texas Instruments PCI1520 Datasheet HTML 79Page - Texas Instruments PCI1520 Datasheet HTML 80Page - Texas Instruments PCI1520 Datasheet HTML 81Page - Texas Instruments PCI1520 Datasheet HTML 82Page - Texas Instruments PCI1520 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 138 page
background image
4−17
Table 4−8. System Control Register Description
BIT
SIGNAL
TYPE
FUNCTION
31−30†
SER_STEP
RW
Serialized PCI interrupt routing step. Bits 31 and 30 configure the serialized PCI interrupt stream signaling
and accomplish an even distribution of interrupts signaled on the four PCI interrupt slots. Bits 31 and 30 are
global to all PCI1520 functions.
00 = INTA/INTB signal in INTA/INTB IRQSER slots
01 = INTA/INTB signal in INTB/INTC IRQSER slots
10 = INTA/INTB signal in INTC/INTD IRQSER slots
11 = INTA/INTB signal in INTD/INTA IRQSER slots
29†
INTRTIE
RW
Tie internal PCI interrupts. When this bit is set, the INTA and INTB signals are tied together internally and are
signaled as INTA. INTA can then be shifted by using bits 31−30 (SER_STEP). This bit is global to all PCI1520
functions.
When configuring the PCI1520 functions to share PCI interrupts, multifunction terminal MFUNC3 must be
configured as IRQSER prior to setting the INTRTIE bit.
28
RSVD
R
Reserved. Bit 28 returns 0 when read.
27†
P2CCLK
RW
P2C power switch clock. The PCI1520 CLOCK signal is used to clock the serial interface power switch and
the internal state machine. The default state for bit 27 is 0, requiring an external clock source provided to the
CLOCK terminal (terminal number F15 for the GHK package or terminal number 154 for the PDV package).
Bit 27 can be set to 1, allowing the internal oscillator to provide the clock signal.
0 = CLOCK provided externally, input to PCI1520 (default)
1 = CLOCK generated by internal oscillator and driven by PCI1520.
26
SMIROUTE
RW
SMI interrupt routing. Bit 26 is shared between functions 0 and 1, and selects whether IRQ2 or CSC is signaled
when a write occurs to power a PC Card socket.
0 = PC Card power change interrupts routed to IRQ2 (default)
1 = A CSC interrupt is generated on PC Card power changes.
25
SMISTATUS
RC
SMI interrupt status. This socket-dependent bit is set when bit 24 (SMIENB) is set and a write occurs to set
the socket power. Writing a 1 to bit 25 clears the status.
0 = SMI interrupt signaled (default)
1 = SMI interrupt not signaled
24†
SMIENB
RW
SMI interrupt mode enable. When bit 24 is set and a write to the socket power control occurs, the SMI interrupt
signaling is enabled and generates an interrupt. This bit is shared and defaults to 0 (disabled).
23
RSVD
R
Reserved. Bit 23 returns 0 when read.
22
CBRSVD
RW
CardBus reserved terminals signaling. When a CardBus card is inserted and bit 22 is set, the RSVD CardBus
terminals are driven low. When this bit is 0, these terminals are placed in a high-impedance state.
0 = Place CardBus RSVD terminals in a high-impedance state.
1 = Drive Cardbus RSVD terminals low (default).
21
VCCPROT
RW
VCC protection enable. Bit 21 is socket dependent.
0 = VCC protection enabled for 16-bit cards (default)
1 = VCC protection disabled for 16-bit cards
20
REDUCEZV
RW
Reduced zoomed video enable. When this bit is enabled, terminals A25−A22 of the card interface for PC
Card-16 cards are placed in the high-impedance state. This bit should not be set for normal ZV operation. This
bit is encoded as:
0 = Reduced zoomed video disabled (default)
1 = Reduced zoomed video enabled
19−16
RSVD
RW
Reserved. Do not change the default value.
15†
MRBURSTD
N
RW
Memory read burst enable downstream. When bit 15 is set, memory read transactions are allowed to burst
downstream.
0 = Downstream memory read burst is disabled.
1 = Downstream memory read burst is enabled (default).
14†
MRBURSTU
P
RW
Memory read burst enable upstream. When bit 14 is set, the PCI1520 allows memory read transactions to
burst upstream.
0 = Upstream memory read burst is disabled (default).
1 = Upstream memory read burst is enabled.
13
SOCACTIV
E
R
Socket activity status. When set, bit 13 indicates access has been performed to or from a PC card and is
cleared upon read of this status bit. This bit is socket-dependent.
0 = No socket activity (default)
1 = Socket activity
12
RSVD
R
Reserved. Bit 12 returns 1 when read.
† This bit is global and is accessed only through function 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com