Electronic Components Datasheet Search
  English  ▼

X  

PCI1520 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # PCI1520
Description  PC CARD CONTROLLERS
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1520 Datasheet(HTML) 44 Page - Texas Instruments

Back Button PCI1520 Datasheet HTML 40Page - Texas Instruments PCI1520 Datasheet HTML 41Page - Texas Instruments PCI1520 Datasheet HTML 42Page - Texas Instruments PCI1520 Datasheet HTML 43Page - Texas Instruments PCI1520 Datasheet HTML 44Page - Texas Instruments PCI1520 Datasheet HTML 45Page - Texas Instruments PCI1520 Datasheet HTML 46Page - Texas Instruments PCI1520 Datasheet HTML 47Page - Texas Instruments PCI1520 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 138 page
background image
3−8
There are two types of PC Card controllers to consider.
•
Legacy controller not using the standardized ZV register model
Software reads bit 10 (STDZVREG) of the socket control register (CardBus socket address + 10h) to
determine if the standardized zoomed-video register model is supported. If the bit returns 0, then software
must use legacy code to enable zoomed video.
•
Newer controller that uses the standardized ZV register model
Software reads bit 10 (STDZVREG) of the socket control register (CardBus socket address + 10h) to
determine if the standardized zoomed-video register model is supported. If the bit returns 1, then software
can use the process/register model detailed in Table 3−4 to enable zoomed video.
Table 3−4. Zoomed-Video Card Interrogation
ZVSUPPORT
(this socket)
ZVSUPPORT
(other socket)
ZV_ACTIVITY
ACTION
1
X
0
Set ZVEN to enable zoomed video.
1
X
1
Display a user message such as, “The zoomed video protocol required by this PC
Card application is already in use by another card.”
0
0
X
Display a user message such as, “This platform does not support the zoomed-video
protocol required by this PC Card application.”
0
1
X
Display a user message such as, “This platform does not support the zoomed-video
protocol required by this PC Card application in this PC Card socket. Please remove
the card and re-insert in the other PC Card socket.”
3.5.5
Internal Ring Oscillator
The internal ring oscillator provides an internal clock source for the PCI1520 so that neither the PCI clock nor an
external clock is required in order for the PCI1520 to power down a socket or interrogate a PC Card. This internal
oscillator, operating nominally at 16 kHz, can be enabled by setting bit 27 (P2CCLK) of the system control register
(PCI offset 80h, see Section 4.29) to 1. This function is disabled by default.
3.5.6
Integrated Pullup Resistors
The PC Card Standard (release 7.1) requires pullup resistors on various terminals to support both CardBus and 16-bit
card configurations. Unlike the PCI12XX, PCI1450, and PCI4450 which required external pullup resistors, the
PCI1520 has integrated all of these pullup resistors. The I/O buffer on the BVD1(STSCHG)/CSTSCHG terminal has
the capability to switch either pullup or pulldown. The pullup resistor is turned on when a 16-bit PC Card is inserted,
and the pulldown resistor is turned on when a CardBus PC Card is inserted. This prevents unexpected CSTSCHG
signal assertion. The integrated pullup resistors are listed in Table 3−5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com