Electronic Components Datasheet Search
  English  ▼

X  

PCI1520 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # PCI1520
Description  PC CARD CONTROLLERS
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1520 Datasheet(HTML) 23 Page - Texas Instruments

Back Button PCI1520 Datasheet HTML 19Page - Texas Instruments PCI1520 Datasheet HTML 20Page - Texas Instruments PCI1520 Datasheet HTML 21Page - Texas Instruments PCI1520 Datasheet HTML 22Page - Texas Instruments PCI1520 Datasheet HTML 23Page - Texas Instruments PCI1520 Datasheet HTML 24Page - Texas Instruments PCI1520 Datasheet HTML 25Page - Texas Instruments PCI1520 Datasheet HTML 26Page - Texas Instruments PCI1520 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 138 page
background image
2−9
Table 2−4. 16-Bit PC Card Signal Names Sorted Alphabetically
SIGNAL NAME
TERM. NO.
SIGNAL NAME
TERM. NO.
SIGNAL NAME
TERM NO.
SIGNAL NAME
PDV
GHK
SIGNAL NAME
PDV
GHK
SIGNAL NAME
PDV
GHK
A_A0
136
J14
A_D10
151
E19
AD24
181
B10
A_A1
135
J17
A_D11
85
R11
AD25
167
F12
A_A2
134
J18
A_D12
87
V12
AD26
179
F11
A_A3
131
K15
A_D13
89
P12
AD27
178
E11
A_A4
129
K18
A_D14
92
V13
AD28
176
B11
A_A5
127
L14
A_D15
94
P13
AD29
175
A11
A_A6
125
L17
A_INPACK
130
K17
AD30
172
C12
A_A7
122
M19
A_IORD
101
V15
AD31
171
E12
A_A8
105
T19
A_IOWR
102
R14
B_A0
67
R08
A_A9
103
U15
A_OE
99
W15
B_A1
66
W07
A_A10
97
R13
A_READY(IREQ)
138
H19
B_A2
65
V07
A_A11
100
P14
A_REG
132
K14
B_A3
63
P08
A_A12
120
M17
A_RESET
126
L15
B_A4
60
V06
A_A13
107
P15
A_VS1
137
J15
B_A5
59
U06
A_A14
109
R18
A_VS2
124
L18
B_A6
57
V05
A_A15
117
N18
A_WAIT
139
H18
B_A7
54
U05
A_A16
115
M14
A_WE
112
P18
B_A8
37
M06
A_A17
104
W16
A_WP(IOIS16)
142
H15
B_A9
35
M02
A_A18
106
R17
AD0
13
G02
B_A10
28
K06
A_A19
108
N14
AD1
12
G03
B_A11
32
L06
A_A20
111
P17
AD2
11
H06
B_A12
52
T01
A_A21
113
N15
AD3
10
F01
B_A13
40
N02
A_A22
116
N17
AD4
9
G05
B_A14
42
N06
A_A23
119
M15
AD5
8
F02
B_A15
50
P05
A_A24
121
M18
AD6
7
F03
B_A16
48
P06
A_A25
123
L19
AD7
5
E02
B_A17
36
M03
A_BVD1(STSCHG/RI)
141
H14
AD8
3
F05
B_A18
38
M05
A_BVD2(SPKR)
140
H17
AD9
2
E03
B_A19
41
N03
A_CD1
83
U11
AD10
1
D01
B_A20
44
P02
A_CD2
144
G18
AD11
173
B12
B_A21
46
P03
A_CE1
96
V14
AD12
208
A04
B_A22
49
R02
A_CE2
98
U14
AD13
207
C05
B_A23
51
R03
A_D0
145
G17
AD14
206
E06
B_A24
53
W04
A_D1
148
F18
AD15
205
B05
B_A25
55
R06
A_D2
150
F17
AD16
192
C08
B_BVD1(STSCHG/RI)
73
U09
A_D3
84
P11
AD17
191
B08
B_BVD2(SPKR)
72
V09
A_D4
86
W12
AD18
190
A08
B_CD1
15
H05
A_D5
88
U12
AD19
189
E09
B_CD2
75
P09
A_D6
90
R12
AD20
188
F09
B_CE1
27
K05
A_D7
93
U13
AD21
187
C09
B_CE2
30
L02
A_D8
146
G14
AD22
186
B09
B_D0
76
W10
A_D9
149
G15
AD23
184
F10
B_D1
78
U10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com