Electronic Components Datasheet Search
  English  ▼

X  

PCI1520 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # PCI1520
Description  PC CARD CONTROLLERS
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1520 Datasheet(HTML) 49 Page - Texas Instruments

Back Button PCI1520 Datasheet HTML 45Page - Texas Instruments PCI1520 Datasheet HTML 46Page - Texas Instruments PCI1520 Datasheet HTML 47Page - Texas Instruments PCI1520 Datasheet HTML 48Page - Texas Instruments PCI1520 Datasheet HTML 49Page - Texas Instruments PCI1520 Datasheet HTML 50Page - Texas Instruments PCI1520 Datasheet HTML 51Page - Texas Instruments PCI1520 Datasheet HTML 52Page - Texas Instruments PCI1520 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 138 page
background image
3−13
Sb6
b4
b5
b3 b2 b1 b0
0
b7 b6 b5 b4 b3
b2 b1 b0
AA
Slave Address
Word Address
R/W
S/P = Start/Stop Condition
A = Slave Acknowledgement
b7 b6
b4
b5
b3 b2 b1 b0
A
P
Data Byte
Figure 3−11. Serial-Bus Protocol − Byte Write
Figure 3−12 illustrates a byte read. The read protocol is very similar to the write protocol, except the R/W command
bit must be set to 1 to indicate a read-data transfer. In addition, the PCI1520 master must acknowledge reception
of the read bytes from the slave transmitter. The slave transmitter drives the SDA signal during read data transfers.
The SCL signal remains driven by the PCI1520 master.
Sb6
b4
b5
b3 b2 b1 b0
0
b7 b6 b5 b4 b3
b2 b1 b0
AA
Slave Address
Word Address
R/W
Sb6
b4
b5
b3 b2 b1 b0
1
A
Slave Address
S/P = Start/Stop Condition
M = Master Acknowledgement
b7 b6
b4
b5
b3 b2 b1 b0
M
P
Data Byte
Start
Restart
R/W
A = Slave Acknowledgement
Stop
Figure 3−12. Serial-Bus Protocol − Byte Read
Figure 3−13 illustrates EEPROM interface doubleword data collection protocol.
S1
1
0
0
0
0
0
0
b7 b6 b5 b4 b3
b2 b1 b0
AA
Slave Address
Word Address
R/W
Data Byte 2
Data Byte 1
Data Byte 0
M
P
M
M
M = Master Acknowledgement
S/P = Start/Stop Condition
A = Slave Acknowledgement
Data Byte 3
M
S1
1
00
0
0
0
1
A
Restart
R/W
Slave Address
Start
Figure 3−13. EEPROM Interface Doubleword Data Collection
3.6.3
Serial-Bus EEPROM Application
When the PCI bus is reset and the serial-bus interface is detected, the PCI1520 attempts to read the subsystem
identification and other register defaults from a serial EEPROM. The registers and corresponding bits that can be
loaded with defaults through the EEPROM are provided in Table 3−7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com