Electronic Components Datasheet Search
  English  ▼

X  

PCI1520 Datasheet(PDF) 93 Page - Texas Instruments

Click here to check the latest version.
Part # PCI1520
Description  PC CARD CONTROLLERS
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1520 Datasheet(HTML) 93 Page - Texas Instruments

Back Button PCI1520 Datasheet HTML 89Page - Texas Instruments PCI1520 Datasheet HTML 90Page - Texas Instruments PCI1520 Datasheet HTML 91Page - Texas Instruments PCI1520 Datasheet HTML 92Page - Texas Instruments PCI1520 Datasheet HTML 93Page - Texas Instruments PCI1520 Datasheet HTML 94Page - Texas Instruments PCI1520 Datasheet HTML 95Page - Texas Instruments PCI1520 Datasheet HTML 96Page - Texas Instruments PCI1520 Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 138 page
background image
4−31
4.43 General-Purpose Input Register
The general-purpose input register provides the logical value of the data input from the GPI terminals, MFUNC5,
MFUNC4, and MFUNC2−MFUNC0. Access this register only through function 0. See Table 4−19 for a complete
description of the register contents.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
General-purpose input
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
X
X
X
X
X
Register:
General-purpose input
Offset:
ACh (function 0)
Type:
Read-only
Default:
00XXh
Table 4−19. General-Purpose Input Register Description
BIT
SIGNAL
TYPE
FUNCTION
15−5
RSVD
R
Reserved. Bits 15−5 return 0s when read.
4
GPI4_DATA
R
GPI4 data bit. The value read from bit 4 represents the logical value of the data input from the MFUNC5 terminal.
3
GPI3_DATA
R
GPI3 data bit. The value read from bit 3 represents the logical value of the data input from the MFUNC4 terminal.
2
GPI2_DATA
R
GPI2 data bit. The value read from bit 2 represents the logical value of the data input from the MFUNC2 terminal.
1
GPI1_DATA
R
GPI1 data bit. The value read from bit 1 represents the logical value of the data input from the MFUNC1 terminal.
0
GPI0_DATA
R
GPI0 data bit. The value read from bit 0 represents the logical value of the data input from the MFUNC0 terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com