Electronic Components Datasheet Search
  English  ▼

X  

QL8050 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # QL8050
Description  LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QL8050 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  QL8050 Datasheet HTML 1Page - List of Unclassifed Manufacturers QL8050 Datasheet HTML 2Page - List of Unclassifed Manufacturers QL8050 Datasheet HTML 3Page - List of Unclassifed Manufacturers QL8050 Datasheet HTML 4Page - List of Unclassifed Manufacturers QL8050 Datasheet HTML 5Page - List of Unclassifed Manufacturers QL8050 Datasheet HTML 6Page - List of Unclassifed Manufacturers QL8050 Datasheet HTML 7Page - List of Unclassifed Manufacturers QL8050 Datasheet HTML 8Page - List of Unclassifed Manufacturers QL8050 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
ZZZTXLFNORJLFFRP
‹ 4XLFN/RJLF&RUSRUDWLRQ
‡
‡
‡
‡
‡
‡
(FOLSVH,, )DPLO\ 'DWD 6KHHW5HY %
Preliminary

)LJXUH  (FOLSVH,, /RJLF&HOO
5$00RGXOHV
The Eclipse-II Product Family includes up to 24 dual-port 2,304-bit RAM modules for
implementing RAM, ROM, and FIFO functions. Each module is user-configurable into four
different block organizations and can be cascaded horizontally to increase their effective width, or
vertically to increase their effective depth as shown in
)LJXUH .
)LJXUH  ELW 5$0 0RGXOH
The number of RAM modules varies from 4 to 24 blocks for a total of 9.2 K to 55.3 K bits of
RAM. Using two "mode" pins, designers can configure each module into 128 x 18 (Mode 0), 256
x 9 (Mode 1), 512 x 4 (Mode 2), or 1024 x 2 blocks (Mode 3). The blocks are also easily
cascadable to increase their effective width and/or depth (see
)LJXUH ).
QS
A1
A2
A3
A4
A5
A6
OS
OP
B1
B2
C1
C2
MS
D1
E1
NP
E2
D2
NS
F1
F3
F5
F6
F2
F4
PS
PP
MP
AZ
OZ
QZ
NZ
FZ
Q2Z
QC
QR
MODE[1:0]
WA[9:0]
WD[17:0]
WE
WCLK
2,304-bit RAM Module
ASYNCRD
RA[9:0]
RD[17:0]
RE
RCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com