Electronic Components Datasheet Search
  English  ▼

X  

QL8050 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # QL8050
Description  LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QL8050 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  QL8050 Datasheet HTML 1Page - List of Unclassifed Manufacturers QL8050 Datasheet HTML 2Page - List of Unclassifed Manufacturers QL8050 Datasheet HTML 3Page - List of Unclassifed Manufacturers QL8050 Datasheet HTML 4Page - List of Unclassifed Manufacturers QL8050 Datasheet HTML 5Page - List of Unclassifed Manufacturers QL8050 Datasheet HTML 6Page - List of Unclassifed Manufacturers QL8050 Datasheet HTML 7Page - List of Unclassifed Manufacturers QL8050 Datasheet HTML 8Page - List of Unclassifed Manufacturers QL8050 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
‹ 4XLFN/RJLF &RUSRUDWLRQ
ZZZTXLFNORJLFFRP
‡
‡
‡
‡
‡
‡
Preliminary

‡‡‡‡‡‡
'HYLFH+LJKOLJKWV
)OH[LEOH3URJUDPPDEOH/RJLF
‡ 0.18 µ, six layer metal CMOS process
‡ 1.8 V Vcc, 1.8/2.5/3.3 V drive capable I/O
‡ Up to 4,008 dedicated flip-flops
‡ Up to 55.3 K embedded RAM Bits
‡ Up to 313 I/O
‡ Up to 370 K system gates
‡ IEEE 1149.1 Boundary Scan Testing
Compliant
‡ Low Power Capability
(PEHGGHG'XDO3RUW65$0
‡ Up to twenty-four 2,304 bit Dual Port High
Performance SRAM Blocks
‡ Up to 55,296 embedded RAM bits
‡ RAM/ROM/FIFO Wizard for automatic
configuration
‡ Configurable and cascadable
3URJUDPPDEOH,2
‡ High performance I/O cell with Tco< 3 ns
‡ Programmable Slew Rate Control
‡ Programmable I/O Standards:
‡ LVTTL, LVCMOS, LVCMOS18, PCI,
GTL+, SSTL2, and SSTL3
‡ Independent I/O Banks capable of
supporting multiple standards in one device
‡ I/O Register Configurations: Input,
Output, Output Enable (OE)
$GYDQFHG &ORFN1HWZRUN
‡ Multiple dedicated Low Skew Clock
Networks
‡ High drive input-only networks
‡ Quadrant-based segmentable clock networks
‡ User Programmable Phase Locked Loops
(PEHGGHG&RPSXWDWLRQDO 8QLWV
(&8V
Hardwired DSP building blocks with integrated
Multiply, Add, and Accumulate Functions.
6HFXULW\)HDWXUHV
The QuickLogic products come with secure
ViaLink
 technology that protects intellectual
property from design theft and reverse
engineering. No external configuration memory
needed; Instant-on at Power-up.
)LJXUH (FOLSVH,, %ORFN 'LDJUDP
Embedded RAM Blocks
PLL
PLL
Fabric
Embeded Computational Units
Embedded RAM Blocks
PLL
PLL
/RZ3RZHU)3*$ &RPELQLQJ3HUIRUPDQFH'HQVLW\DQG(PEHGGHG5$0
(FOLSVH,,)DPLO\'DWD6KHHW


Similar Part No. - QL8050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL82SD ETC1-QL82SD Datasheet
3Mb / 60P
10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
QL82SD-PB516 ETC1-QL82SD-PB516 Datasheet
3Mb / 60P
10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
QL82SD-PQ208 ETC1-QL82SD-PQ208 Datasheet
3Mb / 60P
10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
QL82SD-PS484 ETC1-QL82SD-PS484 Datasheet
3Mb / 60P
10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
QL82SD-PT280 ETC1-QL82SD-PT280 Datasheet
3Mb / 60P
10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
More results

Similar Description - QL8050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL4016 ETC-QL4016 Datasheet
478Kb / 18P
16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL2009 ETC-QL2009 Datasheet
272Kb / 12P
3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL4009 ETC1-QL4009 Datasheet
373Kb / 18P
9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL2003 ETC1-QL2003 Datasheet
333Kb / 10P
3.3V and 5.0V pASIC-R 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL4016-1PB456M ETC1-QL4016-1PB456M Datasheet
576Kb / 22P
90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
QL4058 ETC1-QL4058 Datasheet
536Kb / 23P
58,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL3012 ETC1-QL3012 Datasheet
239Kb / 14P
60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
QL3025 ETC1-QL3025 Datasheet
528Kb / 17P
25,000 Usable PLD Gate pASIC 3 FPGA Combining High Performance and High Density
QL2007 ETC1-QL2007 Datasheet
299Kb / 10P
3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
logo
ATMEL Corporation
ATSAM4S8BA-MU ATMEL-ATSAM4S8BA-MU Datasheet
275Kb / 2P
Scalable Performance and Memory Density, Power Efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com