Electronic Components Datasheet Search
  English  ▼

X  

AP3036B Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP3036B
Description  WHITE LED STEP-UP CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3036B Datasheet(HTML) 5 Page - Diodes Incorporated

  AP3036B Datasheet HTML 1Page - Diodes Incorporated AP3036B Datasheet HTML 2Page - Diodes Incorporated AP3036B Datasheet HTML 3Page - Diodes Incorporated AP3036B Datasheet HTML 4Page - Diodes Incorporated AP3036B Datasheet HTML 5Page - Diodes Incorporated AP3036B Datasheet HTML 6Page - Diodes Incorporated AP3036B Datasheet HTML 7Page - Diodes Incorporated AP3036B Datasheet HTML 8Page - Diodes Incorporated AP3036B Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AP3036B
Document number: DS37004 Rev. 1 - 2
5 of 11
www.diodes.com
March 2014
© Diodes Incorporated
AP3036B
A Product Line of
Diodes Incorporated
2
3
4
5
6
7
8
72
74
76
78
80
82
84
86
88
90
LED Numbers
V
IN
=3.6V
I
OUT
=20mA
0
100
200
300
400
500
0
400
800
1200
1600
Schottky Forward Current (mA)
0
2
4
6
8
10
12
14
16
18
20
30
40
50
60
70
80
90
100
Input Voltage (V)
V
CTRL
=0V
0
4
8
12
16
20
2.8
3.0
3.2
3.4
3.6
3.8
Input Voltage (V)
V
FB
=1.0V
-40
0
40
80
120
160
100
150
200
250
300
Temperature (
OC)
V
IN
=3.6V, 5 LEDs
-40
0
40
80
120
160
300
400
500
600
Temperature (
OC)
V
IN
=3.6V
Performance Characteristics (The WLED forward voltage (VF) is 3.45V at IF = 20mA, unless otherwise noted.)
Efficiency vs.
LED’s Number
Schottky Forward Voltage vs.
Schottky Forward Current
Shutdown Current vs. Input Voltage
Quiescent Current vs. Input Voltage
Feedback Voltage vs. Temperature
Current Limit vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com