Electronic Components Datasheet Search
  English  ▼

X  

AP3036B Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP3036B
Description  WHITE LED STEP-UP CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3036B Datasheet(HTML) 1 Page - Diodes Incorporated

  AP3036B Datasheet HTML 1Page - Diodes Incorporated AP3036B Datasheet HTML 2Page - Diodes Incorporated AP3036B Datasheet HTML 3Page - Diodes Incorporated AP3036B Datasheet HTML 4Page - Diodes Incorporated AP3036B Datasheet HTML 5Page - Diodes Incorporated AP3036B Datasheet HTML 6Page - Diodes Incorporated AP3036B Datasheet HTML 7Page - Diodes Incorporated AP3036B Datasheet HTML 8Page - Diodes Incorporated AP3036B Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AP3036B
Document number: DS37004 Rev. 1 - 2
1 of 11
www.diodes.com
March 2014
© Diodes Incorporated
AP3036B
A Product Line of
Diodes Incorporated
WHITE LED STEP-UP CONVERTER
Description
The AP3036B is an inductor-based DC/DC converter designed to
drive up to eight white LEDs in series for backlight. Only one
feedback resistor is needed to control the LED current and obtain
required brightness.
A constant frequency 1.0MHz PWM control scheme is employed in
this IC, which means tiny external components can be used.
Specifically, 1mm tall inductor and 0.22µF output capacitor for a
typical application is sufficient. Additionally, the Schottky diode in
boost circuit is integrated on this chip. The AP3036B also provides a
disable pin to ease its use for different systems.
The output over-voltage protection is implemented in AP3036B. When
any LED is broken or in other abnormal conditions, the output voltage
will be clamped.
The AP3036B is available in standard SOT26 package.
Applications
Cellular Phones
Digital Cameras
LCD Modules
GPS Receivers
PDAs, Handheld Computers
Pin Assignments
(Top View)
SW
GND
FB
CTRL
VOUT
VIN
1
2
3
4
5
Pin 1 Mark
6
SOT26
Features
Inherently Uniform LED Current
High Efficiency up to 84%
No Need for External Schottky Diode
Output Over-voltage Protection (OVP)
Fixed 1.0MHz Switching Frequency
Uses Tiny 1mm Tall Inductor
Requires Only 0.22µF Output Capacitor
High Frequency Dimming Control
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit (Note 4)
22
1
F
0.22
F
10
VIN
SW
VOUT
FB
GND
CTRL
AP3036B
Control
Signal
L
C
IN
C
OUT
VIN3V
Note 4: C: X5R or X7R type dielectric, L: SUMIDA CDRH5D28R-220NC or equivalent. And, this circuit can work in full temperature.


Similar Part No. - AP3036B

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
WHITE LED STEP-UP CONVERTER
AP3036AKTR-G1 BCDSEMI-AP3036AKTR-G1 Datasheet
406Kb / 14P
WHITE LED STEP-UP CONVERTER
AP3036AKTTR-G1 BCDSEMI-AP3036AKTTR-G1 Datasheet
406Kb / 14P
WHITE LED STEP-UP CONVERTER
AP3036KTR-G1 BCDSEMI-AP3036KTR-G1 Datasheet
406Kb / 14P
WHITE LED STEP-UP CONVERTER
AP3036KTTR-G1 BCDSEMI-AP3036KTTR-G1 Datasheet
406Kb / 14P
WHITE LED STEP-UP CONVERTER
More results

Similar Description - AP3036B

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
White LED Step-Up Converter
Rev. 0.1 Apr. 27, 2004
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
WHITE LED STEP-UP CONVERTER
L5100 UTC-L5100 Datasheet
121Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
Gamma Microelectronics ...
GM1937 GAMMA-GM1937 Datasheet
133Kb / 9P
WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3029 BCDSEMI-AP3029_09 Datasheet
779Kb / 16P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP5726 DIODES-AP5726_10 Datasheet
299Kb / 17P
WHITE LED STEP-UP CONVERTER
DS31845 Rev. 3 - 2
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
WHITE LED STEP-UP CONVERTER
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
WHITE LED STEP-UP CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com