Electronic Components Datasheet Search
  English  ▼

X  

AP3036B Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP3036B
Description  WHITE LED STEP-UP CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3036B Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP3036B Datasheet HTML 2Page - Diodes Incorporated AP3036B Datasheet HTML 3Page - Diodes Incorporated AP3036B Datasheet HTML 4Page - Diodes Incorporated AP3036B Datasheet HTML 5Page - Diodes Incorporated AP3036B Datasheet HTML 6Page - Diodes Incorporated AP3036B Datasheet HTML 7Page - Diodes Incorporated AP3036B Datasheet HTML 8Page - Diodes Incorporated AP3036B Datasheet HTML 9Page - Diodes Incorporated AP3036B Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AP3036B
Document number: DS37004 Rev. 1 - 2
6 of 11
www.diodes.com
March 2014
© Diodes Incorporated
AP3036B
A Product Line of
Diodes Incorporated
0
100
200
300
400
500
0
100
200
300
400
500
600
700
800
Switch Current (mA)
V
IN
=V
CTRL
=3.6V
-40
0
40
80
120
160
0.0
0.4
0.8
1.2
Temperature (
OC)
V
IN
=3.6V, 5 LEDs
Rising
Down
-40
0
40
80
120
160
20
24
28
32
36
Temperature (
OC)
V
IN
=V
CTRL
=3.6V
-40
0
40
80
120
160
0.6
0.8
1.0
1.2
Temperature (
OC)
V
IN
=3.6V
5 LEDs
2
4
6
8
10
12
14
16
18
20
60
65
70
75
80
85
90
Input Voltage (V)
I
LED
=20mA
8 LEDs
20
30
40
50
60
70
60
64
68
72
76
80
84
88
Output Current (mA)
V
IN
=3.6V
5 LEDs
Performance Characteristics (Cont. The WLED forward voltage (VF) is 3.45V at IF = 20mA, unless otherwise noted.)
Saturation Voltage vs. Switch Current
CTRL Pin Voltage vs. Temperature
OVP Voltage vs. Temperature
Operating Frequency vs. Temperature
Efficiency vs. Input Voltage
Efficiency vs. Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com