Electronic Components Datasheet Search
  English  ▼

X  

AP3036B Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP3036B
Description  WHITE LED STEP-UP CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3036B Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP3036B Datasheet HTML 3Page - Diodes Incorporated AP3036B Datasheet HTML 4Page - Diodes Incorporated AP3036B Datasheet HTML 5Page - Diodes Incorporated AP3036B Datasheet HTML 6Page - Diodes Incorporated AP3036B Datasheet HTML 7Page - Diodes Incorporated AP3036B Datasheet HTML 8Page - Diodes Incorporated AP3036B Datasheet HTML 9Page - Diodes Incorporated AP3036B Datasheet HTML 10Page - Diodes Incorporated AP3036B Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AP3036B
Document number: DS37004 Rev. 1 - 2
7 of 11
www.diodes.com
March 2014
© Diodes Incorporated
AP3036B
A Product Line of
Diodes Incorporated
0
20
40
60
80
100
0
5
10
15
20
25
30
Duty (%)
V
IN
=3.6V, 5 LEDs
PWM Frequency=0.5kHz
0
20
40
60
80
100
0
5
10
15
20
25
30
Duty (%)
V
IN
=3.6V, 5 LEDs
PWM Frequency=100kHz
Performance Characteristics (Cont. The WLED forward voltage (VF) is 3.45V at IF = 20mA, unless otherwise noted.)
LED Current vs. Duty
LED Current vs. Duty
Powering On
PWM Dimming
(VIN = 3.6V, VCTRL = 2.5V, ILED = 20mA, 5 LEDs)
(VIN = 3.6V, VPWM = 2.5V, fPWM = 0.5kHz,
Duty = 50%, 5 LEDs)
Time 40
s/div
Time 10ms/div
Output Voltage Ripple
PWM Dimming
(VIN = VCTRL = 3.6V, ILED = 20mA, 5 LEDs)
(VIN = 3.6V, VPWM = 2.5V, fPWM = 100kHz,
Duty = 50%, 5 LEDs)
Time 1
s/div
Time 10
s/div
VIN
2V/div
VSW
10V/div
VOUT
10V/div
IL
100mA/div
VCTRL
2V/div
VSW
10V/div
VOUT
10V/div
ILED
10mA/div
VIN
2V/div
VSW
10V/div
VOUT1(AC)
100mV/div
IL
100mA/div
VIN
2V/div
VSW
10V/div
VOUT
10V/div
ILED
10mA/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com