Electronic Components Datasheet Search
  English  ▼

X  

AP3036B Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP3036B
Description  WHITE LED STEP-UP CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3036B Datasheet(HTML) 2 Page - Diodes Incorporated

  AP3036B Datasheet HTML 1Page - Diodes Incorporated AP3036B Datasheet HTML 2Page - Diodes Incorporated AP3036B Datasheet HTML 3Page - Diodes Incorporated AP3036B Datasheet HTML 4Page - Diodes Incorporated AP3036B Datasheet HTML 5Page - Diodes Incorporated AP3036B Datasheet HTML 6Page - Diodes Incorporated AP3036B Datasheet HTML 7Page - Diodes Incorporated AP3036B Datasheet HTML 8Page - Diodes Incorporated AP3036B Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AP3036B
Document number: DS37004 Rev. 1 - 2
2 of 11
www.diodes.com
March 2014
© Diodes Incorporated
AP3036B
A Product Line of
Diodes Incorporated
Pin Descriptions
Pin Number
Pin Name
Function
1
CTRL
Shutdown and dimming pin. Connect to 1.5V or higher to enable device; Connect to 0.4V or less to
disable device; Connect to a PWM signal to achieve LEDs brightness dimming
2
VOUT
Output pin. Connect to the cathode of internal Schottky diode
3
VIN
Input supply pin. Must be connected to a local bypass capacitor
4
SW
Switch pin. Connect external inductor
5
GND
Ground
6
FB
Voltage feedback pin. The reference voltage is 200mV
Functional Block Diagram
Q1
A2
A1
R
S
Q
1.0 MHz
OSCILLATOR
RAMP
GENERATOR
VREF
6
3
1
5
2
DRIVER
1.25 V
COMPARATOR
OVP
200 mV
4
SOFT
START
FB
SW
VOUT
GND
CTRL
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com