Electronic Components Datasheet Search
  English  ▼

X  

AP3036B Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP3036B
Description  WHITE LED STEP-UP CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3036B Datasheet(HTML) 3 Page - Diodes Incorporated

  AP3036B Datasheet HTML 1Page - Diodes Incorporated AP3036B Datasheet HTML 2Page - Diodes Incorporated AP3036B Datasheet HTML 3Page - Diodes Incorporated AP3036B Datasheet HTML 4Page - Diodes Incorporated AP3036B Datasheet HTML 5Page - Diodes Incorporated AP3036B Datasheet HTML 6Page - Diodes Incorporated AP3036B Datasheet HTML 7Page - Diodes Incorporated AP3036B Datasheet HTML 8Page - Diodes Incorporated AP3036B Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AP3036B
Document number: DS37004 Rev. 1 - 2
3 of 11
www.diodes.com
March 2014
© Diodes Incorporated
AP3036B
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings (Note 5)
Symbol
Parameter
Rating
Unit
VIN
Input Voltage
20
V
VSW
SW Pin Voltage
38
V
VFB
Feedback Voltage
20
V
VCTRL
CTRL Pin Voltage
20
V
θJA
Thermal Resistance (Junction to Ambient, No Heat Sink)
265
C/W
TJ
Operating Junction Temperature
+150
C
TSTG
Storage Temperature Range
-65 to +150
C
TLEAD
Lead Temperature (Soldering, 10sec)
+260
C
–
ESD (Machine Model)
250
V
–
ESD (Human Body Model)
2000
V
Note 5: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under "Recommended Operating Conditions" is not implied.
Exposure to "Absolute Maximum Ratings" for extended periods may affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
TOP
Operating Temperature Range
-40
+85
C
VIN
Input Voltage
2.5
16
V
VCTRL
CTRL Pin Voltage
–
16
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com