Electronic Components Datasheet Search
  English  ▼

X  

AP3036B Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP3036B
Description  WHITE LED STEP-UP CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3036B Datasheet(HTML) 4 Page - Diodes Incorporated

  AP3036B Datasheet HTML 1Page - Diodes Incorporated AP3036B Datasheet HTML 2Page - Diodes Incorporated AP3036B Datasheet HTML 3Page - Diodes Incorporated AP3036B Datasheet HTML 4Page - Diodes Incorporated AP3036B Datasheet HTML 5Page - Diodes Incorporated AP3036B Datasheet HTML 6Page - Diodes Incorporated AP3036B Datasheet HTML 7Page - Diodes Incorporated AP3036B Datasheet HTML 8Page - Diodes Incorporated AP3036B Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AP3036B
Document number: DS37004 Rev. 1 - 2
4 of 11
www.diodes.com
March 2014
© Diodes Incorporated
AP3036B
A Product Line of
Diodes Incorporated
Electrical Characteristics (@VIN = 3V, VCTRL = 3V, TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN (Min)
Minimum Operating Voltage
–
2.5
–
–
V
VIN (Max)
Maximum Operating Voltage
–
–
–
16
VFB
Feedback Voltage
IOUT = 20mA, 4 LEDs
188
200
212
mV
IFB
FB Pin Bias Current
–
–
35
100
nA
IQ
Quiescent Current
VFB = VIN, No Switching
1.6
3.1
3.9
mA
ISHDN
Shutdown Quiescent Current
VCTRL = 0V
–
45
75
µA
f
Switching Frequency
–
–
1.0
–
MHz
DMAX
Maximum Duty Cycle
–
90
93
–
%
ILIMIT
Switch Current Limit (Note 6)
D = 40% or 80%
–
550
–
mA
VCESAT
Switch VCE Saturation Voltage
ISW = 250mA
–
360
–
mV
–
Switch Leakage Current
VSW = 5V
–
0.01
5
µA
VCTRL
CTRL Pin Voltage
High
1.5
–
–
V
Low
–
–
0.4
ICTRL
CTRL Pin Bias Current
–
–
100
–
µA
VOV
OVP Voltage
–
–
30
–
V
VDROP
Schottky Forward Drop
ID = 150mA
–
0.7
–
V
–
Schottky Leakage Current
VR (Reverse Voltage) = 23V
–
0.1
4
µA
VR (Reverse Voltage) = 27V
–
–
150
t
Soft Start Time
–
–
100
–
µs
θJC
Thermal Resistance
(Junction to Case)
SOT26
–
60
–
C/W
Note 6: The switch current limit is related to duty cycle. Please refer to Figure LED Current vs. Duty (PWM Frequency = 0.5kHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com