Electronic Components Datasheet Search
  English  ▼

X  

DA7211 Datasheet(PDF) 83 Page - Dialog Semiconductor

Part # DA7211
Description  Ultra-low power stereo codec
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7211 Datasheet(HTML) 83 Page - Dialog Semiconductor

Back Button DA7211 Datasheet HTML 79Page - Dialog Semiconductor DA7211 Datasheet HTML 80Page - Dialog Semiconductor DA7211 Datasheet HTML 81Page - Dialog Semiconductor DA7211 Datasheet HTML 82Page - Dialog Semiconductor DA7211 Datasheet HTML 83Page - Dialog Semiconductor DA7211 Datasheet HTML 84Page - Dialog Semiconductor DA7211 Datasheet HTML 85Page - Dialog Semiconductor DA7211 Datasheet HTML 86Page - Dialog Semiconductor DA7211 Datasheet HTML 87Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 105 page
background image
DA7211
Ultra-low power stereo codec
Company confidential
Datasheet
Revision 3e
15-Oct-2015
CFR0011-120-00 Rev 5
83 of 105
© 2015 Dialog Semiconductor
Table 63: DAC_EQ5 0x1B
Bit
Mode
Symbol
Description
Reset
7
R/W
DAC_EQ_EN
Enable DAC 5-Band EQ
0 = disable
1 = enable
0
6:4
R
Reserved
Reserved
000
3:0
R/W
DAC_EQ5_VOL
Gain of DAC 5-Band EQ band 5:
0000 = +12 dB
0001 =+10.5 dB
0010 =+9 dB
0011 =+7.5 dB
0100 =+6 dB
0101 =+4.5 dB
0110 =+3 dB
0111 =+1.5 dB
1000=
0 dB
1001= - 1.5 dB
1010= - 3 dB
1011= - 4.5 dB
1100= - 6 dB
1101= - 7.5 dB
1110= - 9 dB
1111= -10.5 dB
0000
Table 64: OUTMIX_L 0x1C
Bit
Mode
Symbol
Description
Reset
7
R/W
OUT_L_EN
Enable left output PGA
0 = disable
1 = enable (must be set before SC_MST_EN)
0
6
R/W
OUT_L_INV
OUTMIX left channel inversion
0 = normal
1 = Invert (not active for signal routed from DAC_L)
0
5
R
Reserved
Reserved
0
4
R/W
OUT_L_DAC_L
1 = Add DAC_L
0
3
R/W
OUT_L_IN_R
1 = Add IN_R
0
2
R/W
OUT_L_IN_L
1 = Add IN_L
0
1
R
Reserved
Reserved
0
0
R/W
OUT_L_A1_L
1 = Add AUX1_L
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com