Electronic Components Datasheet Search
  English  ▼

X  

DA7211 Datasheet(PDF) 16 Page - Dialog Semiconductor

Part # DA7211
Description  Ultra-low power stereo codec
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7211 Datasheet(HTML) 16 Page - Dialog Semiconductor

Back Button DA7211 Datasheet HTML 12Page - Dialog Semiconductor DA7211 Datasheet HTML 13Page - Dialog Semiconductor DA7211 Datasheet HTML 14Page - Dialog Semiconductor DA7211 Datasheet HTML 15Page - Dialog Semiconductor DA7211 Datasheet HTML 16Page - Dialog Semiconductor DA7211 Datasheet HTML 17Page - Dialog Semiconductor DA7211 Datasheet HTML 18Page - Dialog Semiconductor DA7211 Datasheet HTML 19Page - Dialog Semiconductor DA7211 Datasheet HTML 20Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 105 page
background image
DA7211
Ultra-low power stereo codec
Company confidential
Datasheet
Revision 3e
15-Oct-2015
CFR0011-120-00 Rev 5
16 of 105
© 2015 Dialog Semiconductor
Test conditions: VDD=2.5 V, Ta=25°C, fs=48 kHz, 24-bit audio data unless specified otherwise
Table 7: Electrical characteristics: Microphone bias
Parameter
Description
Conditions
Min
Typ
Max
Unit
VBIAS
Bias Voltage
No load, AVDD = 2.5 V
No load, AVDD = 1.8 V
2.2
1.5
Pro-
grammable
2.3
1.6
V
IBIAS
Maximum Current
Voltage drop < 50 mV
2
mA
PSRR with
respect to
AVDD
Power Supply Rejection
Ratio
20 Hz - 2 kHz
2 kHz - 20 kHz
70
50
dB
VN
Output Noise Voltage
5
µVRMS
Capacitive Load
IBIAS < 100 µA,
100 µA < IBIAS < 2 mA
100
200
pF
Table 8: Electrical characteristics: Input mixing units
(MICP_L, MICN_L, AUX_L, MICP_R, MICN_R, AUX1_R)
Parameter
Description
Conditions
Min
Typ
Max
Unit
VMAX
Full-scale Input Signal
single-ended
differential
MIC-PGA=0 dB
IN-PGA=0 dB
0.8*AVDD
1.6*AVDD
VPP
RIN
Input resistance
Mic, single-ended
AUX1
12
6
15
variable
18
40
k
Frequency Response
+/- 0.5 dB
20
20k
Hz
Amplitude Ripple
20 Hz
– 20 kHz
-0.5
0.5
dB
Programmable Gain
Note 4
MIC-PGA
AUX1-PGA
IN-PGA
-6
-48
-4.5
24
21
18
dB
Programmable Gain Step
Size
MIC-PGA
AUX1-PGA, IN-PGA
6
1.5
dB
Absolute Gain Accuracy
0 dB @ 1 kHz
-1.0
1.0
dB
Input Gain L/R-Mismatch
20 Hz
– 20 kHz
-0.1
0.1
dB
Input Gain Step Error
20 Hz
– 20 kHz
-0.1
0.1
dB
VNOISE
Input Noise Level
Inputs connected to GND
A-weighting input referred,
measured @ ADC output
Mic (Gain = 42 dB)
AUX1 (Gain = 21 dB)
5
6.5
µVRMS
PSRR with
respect to
AVDD
Power Supply Rejection
Ratio
20 Hz - 2 kHz
2 kHz - 20 kHz,
single-ended input
80
70
dB
Note 4
The gain describes the ratio of input and output signal level at the related amplifier stage (independent
of whether the connection is single ended or differential).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com