Electronic Components Datasheet Search
  English  ▼

X  

DA7211 Datasheet(PDF) 39 Page - Dialog Semiconductor

Part # DA7211
Description  Ultra-low power stereo codec
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7211 Datasheet(HTML) 39 Page - Dialog Semiconductor

Back Button DA7211 Datasheet HTML 35Page - Dialog Semiconductor DA7211 Datasheet HTML 36Page - Dialog Semiconductor DA7211 Datasheet HTML 37Page - Dialog Semiconductor DA7211 Datasheet HTML 38Page - Dialog Semiconductor DA7211 Datasheet HTML 39Page - Dialog Semiconductor DA7211 Datasheet HTML 40Page - Dialog Semiconductor DA7211 Datasheet HTML 41Page - Dialog Semiconductor DA7211 Datasheet HTML 42Page - Dialog Semiconductor DA7211 Datasheet HTML 43Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 105 page
background image
DA7211
Ultra-low power stereo codec
Company confidential
Datasheet
Revision 3e
15-Oct-2015
CFR0011-120-00 Rev 5
39 of 105
© 2015 Dialog Semiconductor
8.3
Programming the general purpose filter
The general purpose filter is configured using two groups of registers. These are coefficient
programming and path selection. The coefficients should be programmed using the registers
GP1A_A0L (address 0x2D, Table 80) to GP2D_B2H (address 0x7C, Table 159). Coefficients are
programmed as two 8-bit registers of signed values representing the range +2 to -2.
Example
GP1A_B1L and GP1A_B1H contain the two’s complement low and high bytes of the -b1 coefficient
of the filter illustrated in Figure 16. If a coefficient value of 1.45 is required, -b1 is programmed as the
coefficient number multiplied by a scaling factor.
The scaling factor 214 is used to convert the floating point number into an integer value for
programming. The low byte will always be an 8-bit unsigned hexadecimal value, while the high byte
contains the sign bit of the two’s complement word.
Scale the unsigned decimal coefficient value:
b1 = 1.45 x 214 = 23756.8 ≈ 23757
The unsigned scaled value in binary:
b1 = 0101110011001100b
Convert to two’s complement; invert the binary value and add the MSB sign bit:
b1 = 10100011001100112 = A333h
GP1A_B1L = 33h = 00110011
GP1A_B1H = A3h = 10100011, where MSB is the two’s complement sign-bit
Note that the denominator coefficient is explicitly negated. The value of the -b1 term is positive, so a
negative value must be programmed. There are eight fully programmable, second-order IIR biquad
filter sections grouped in the following pairs:
● 1AB
● 1CD
● 2AB
● 2CD
The output of the first section in each group is cascaded with the second section. The filter sections
are processed in a fixed order: 1A, 1B, 1C, 1D, 2A, 2B, 2C, 2D.
Each filter group can be programmed to take its input from one of seven possible sources, that is,
from either an ADC or an I2S channel, or from any filter section that has been previously processed
using GP_1AB_SRC and GP_2AB_SRC (address 0x7D, Table 160) and GP_1CD_SRC and
GP_2CD_SRC (address 0x7E, Table 161) It is possible to cascade all eight GP filters together using
these registers. Each filter block can be enabled or disabled in register DSP_CFG (address 0x7F,
Table 162).
Table 23: GP filter section enable bits
Control
Definition
GP1AB_EN
Enable GP section 1AB
GP1CD_EN
Enable GP section 1CD
GP2AB_EN
Enable GP section 2AB
GP2CD_EN
Enable GP section 2CD
The outputs of some groups can be summed together, as controlled by register DSP_CFG (address
0x7F, Table 162).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com