Electronic Components Datasheet Search
  English  ▼

X  

DA7211 Datasheet(PDF) 45 Page - Dialog Semiconductor

Part # DA7211
Description  Ultra-low power stereo codec
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7211 Datasheet(HTML) 45 Page - Dialog Semiconductor

Back Button DA7211 Datasheet HTML 41Page - Dialog Semiconductor DA7211 Datasheet HTML 42Page - Dialog Semiconductor DA7211 Datasheet HTML 43Page - Dialog Semiconductor DA7211 Datasheet HTML 44Page - Dialog Semiconductor DA7211 Datasheet HTML 45Page - Dialog Semiconductor DA7211 Datasheet HTML 46Page - Dialog Semiconductor DA7211 Datasheet HTML 47Page - Dialog Semiconductor DA7211 Datasheet HTML 48Page - Dialog Semiconductor DA7211 Datasheet HTML 49Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 105 page
background image
DA7211
Ultra-low power stereo codec
Company confidential
Datasheet
Revision 3e
15-Oct-2015
CFR0011-120-00 Rev 5
45 of 105
© 2015 Dialog Semiconductor
8.6
Telephone/Bluetooth voice recording/playback at low sample rates
DA7211 offers a dedicated Voice Mode with configurable voice in-band and enhanced out-of-band
suppression for sample rates up to 16 kHz.
8.6.1
Voice filtering for recording at low sample rates
When the sampling frequency is 8, 11.025, 12 or 16 kHz, a Voice Mode can be enabled via
ADC_VOICE_EN (address 0xF, Table 51) where the low frequency roll off is configured using
control ADC_VOICE_F0 (address 0xF, Table 51).
Note 6
Voice filter setting takes precedence over the 5-band equaliser. If the voice filter is enabled for the
ADC path, the 5 band equaliser for recording is disabled.
Table 26: Voice mode recording high pass filter specifications
Cut-off frequency [Hz] at setting
Fs [kHz]
000
001
010
011
100
101
110
111
8.0
2.5
25
50
100
150
200
300
400
11.025
3.4
34.5
69
138
207
276
413
551
12.0
3.75
37.5
75
150
225
300
450
600
16.0
5
50
100
200
300
400
600
800
Figure 26: Voice mode recording high pass filter
(cut-
off frequency setting ‘000’ to ‘111’, 8 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com