Electronic Components Datasheet Search
  English  ▼

X  

DA7211 Datasheet(PDF) 18 Page - Dialog Semiconductor

Part # DA7211
Description  Ultra-low power stereo codec
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7211 Datasheet(HTML) 18 Page - Dialog Semiconductor

Back Button DA7211 Datasheet HTML 14Page - Dialog Semiconductor DA7211 Datasheet HTML 15Page - Dialog Semiconductor DA7211 Datasheet HTML 16Page - Dialog Semiconductor DA7211 Datasheet HTML 17Page - Dialog Semiconductor DA7211 Datasheet HTML 18Page - Dialog Semiconductor DA7211 Datasheet HTML 19Page - Dialog Semiconductor DA7211 Datasheet HTML 20Page - Dialog Semiconductor DA7211 Datasheet HTML 21Page - Dialog Semiconductor DA7211 Datasheet HTML 22Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 105 page
background image
DA7211
Ultra-low power stereo codec
Company confidential
Datasheet
Revision 3e
15-Oct-2015
CFR0011-120-00 Rev 5
18 of 105
© 2015 Dialog Semiconductor
Table 10: Electrical characteristics: Digital to analogue converter (DAC)
Parameter
Description
Conditions
Min
Typ
Max
Unit
VMAX
Full-scale Output Signal
Corresponding digital level
0 dBFS
1.6*AV
DD
VPP
SNR
Signal to Noise Ratio
A weighting
102
dB
THD+N
Total Harmonic Distortion
Plus Noise
-1 dBFS
-85
dB
THD+N
Total Harmonic Distortion
Plus Noise
-1 dBFS, 32 kHz PLL mode
-80
dB
Channel separation
90
dB
BPASS
Pass band
0.45*fs
kHz
BSTOP
Stop band
fs
 48 kHz
fs = 88.2/96 kHz
0.56*fs
7*fs
3.5*fs
kHz
Pass band Ripple
Voice Mode
Music Mode
±0.15
±0.1
dB
Stop band Attenuation
Voice Mode
Music Mode
70
55
dB
Group delay
Voice Mode
Music Mode
fs = 88.2/96 kHz
4.8/fs
18.5/fs
9/fs
650
µs
Group delay variation
20 Hz to 20 kHz
1
µs
Group delay mismatch
Between left and right
channel
2
µs
PSRR with
respect to
AVDD
Power Supply Rejection
Ratio
20 Hz - 2 kHz
2 kHz - 20 kHz
70
60
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com