Electronic Components Datasheet Search
  English  ▼

X  

DA7211 Datasheet(PDF) 3 Page - Dialog Semiconductor

Part # DA7211
Description  Ultra-low power stereo codec
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7211 Datasheet(HTML) 3 Page - Dialog Semiconductor

  DA7211 Datasheet HTML 1Page - Dialog Semiconductor DA7211 Datasheet HTML 2Page - Dialog Semiconductor DA7211 Datasheet HTML 3Page - Dialog Semiconductor DA7211 Datasheet HTML 4Page - Dialog Semiconductor DA7211 Datasheet HTML 5Page - Dialog Semiconductor DA7211 Datasheet HTML 6Page - Dialog Semiconductor DA7211 Datasheet HTML 7Page - Dialog Semiconductor DA7211 Datasheet HTML 8Page - Dialog Semiconductor DA7211 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 105 page
background image
DA7211
Ultra-low power stereo codec
Company confidential
Datasheet
Revision 3e
15-Oct-2015
CFR0011-120-00 Rev 5
3 of 105
© 2015 Dialog Semiconductor
9.1
Digital audio interface (DAI) ................................................................................................ 49
9.1.1
Operation modes DAI interface ........................................................................... 49
9.1.2
Right justified mode ............................................................................................. 49
9.1.3
Left justified mode................................................................................................ 50
9.1.4
I2S mode ............................................................................................................. 50
9.1.5
DSP mode ........................................................................................................... 50
9.1.6
TDM mode ........................................................................................................... 50
9.1.7
Clocking schemes................................................................................................ 51
9.1.8
Master mode ........................................................................................................ 53
9.1.9
Programming master and 32 kHz mode
– PLL enabled ..................................... 55
9.2
Slave mode ......................................................................................................................... 57
9.2.1
Conditions: ........................................................................................................... 57
9.2.2
Programming slave mode
– PLL not enabled ..................................................... 57
9.2.3
Programming slave mode
– PLL enabled ........................................................... 59
9.2.4
32 kHz master or slave mode .............................................................................. 61
9.2.5
Phase locked loop (PLL)...................................................................................... 61
9.2.6
Control interface .................................................................................................. 62
9.2.7
2-wire communication.......................................................................................... 62
9.2.8
Details of the 2-wire control bus protocol ............................................................ 63
10 Register definitions ..................................................................................................................... 65
10.1 Register map....................................................................................................................... 65
10.2 Control and status registers ................................................................................................ 68
10.3 Codec registers .................................................................................................................. 70
10.4 GP filter engine ................................................................................................................... 89
10.5 ALC level controls ............................................................................................................... 99
11 Package information ................................................................................................................. 102
11.1 Package outlines ............................................................................................................... 102
11.2 Soldering information ........................................................................................................ 102
12 Ordering information ................................................................................................................ 102
13 Applications information .......................................................................................................... 103
13.1 Supporting information ...................................................................................................... 103
13.2 Minimum component recommendations ........................................................................... 103
13.3 General component suggestions ...................................................................................... 104
Figures
Figure 1: DA7211 block diagram ........................................................................................................... 9
Figure 2: DA7211 pad arrangement (bottom view ball side up).......................................................... 10
Figure 3: DA7211 power supply topology ........................................................................................... 12
Figure 4: I2S/DSP timing diagram ....................................................................................................... 23
Figure 5: 2-wire control timing diagram ............................................................................................... 24
Figure 6: Typical microphone applications .......................................................................................... 27
Figure 7: ADC and DAC DC blocking (cut-
off frequency setting ‘00’ to ‘11’, 16 kHz) ......................... 29
Figure 8: ADC pass band attenuation (audio mode, 48 kHz).............................................................. 29
Figure 9: ADC pass band suppression (audio mode, 48 kHz) ............................................................ 30
Figure 10: Operation of ALC................................................................................................................ 30
Figure 11: DAC DC blocking (cut-
off frequency setting ‘00’ to ‘11’, 48 kHz)....................................... 33
Figure 12: DAC pass band attenuation (audio mode, 48 kHz)............................................................ 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com