Electronic Components Datasheet Search
  English  ▼

X  

AD8369 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8369
Description  45 dB Digitally Controlled VGA LF to 600 MHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8369 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8369 Datasheet HTML 4Page - Analog Devices AD8369 Datasheet HTML 5Page - Analog Devices AD8369 Datasheet HTML 6Page - Analog Devices AD8369 Datasheet HTML 7Page - Analog Devices AD8369 Datasheet HTML 8Page - Analog Devices AD8369 Datasheet HTML 9Page - Analog Devices AD8369 Datasheet HTML 10Page - Analog Devices AD8369 Datasheet HTML 11Page - Analog Devices AD8369 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
REV. 0
–8–
AD8369
GAIN CODE
0
4
–69
3
2
15
6
7
8
–70
–68
–67
–66
–65
–64
–63
910 11 1213 14
15
TPC 7. Two-Tone, IMD3 vs. Gain Code at 70 MHz,
VOPHI – VOPLO = 1 V p-p, VS = 5 V, RL = 1 k
W
FREQUENCY – MHz
050
40
55
60
70
100
150
200
250
300
350
400
HD3
75
45
50
65
HD2
TPC 8. Harmonic Distortion at VOPHI – VOPLO = 1 V p-p vs.
Frequency, VS = 5 V, RL = 1 k
W, Maximum Gain
GAIN CODE
50
10
01
23
456
7
8
9
10
40
30
0
20
11 12
13 14 15
TPC 9. Noise Figure vs. Gain Code at 70 MHz, VS = 5 V,
RL = 200
W
FREQUENCY – MHz
0
200
–80
150
100
50
250 300 350 400
–70
–60
–50
–40
–30
–20
450 500 550 600
TPC 10. Two-Tone IMD3 vs. Frequency VOPHI – VOPLO = 1 V p-p,
VS = 5 V, RL = 1 k
W, Maximum Gain
HD2
FREQUENCY – MHz
050
55
60
65
70
100
150
200
250
300
350
400
35
40
50
HD3
45
TPC 11. Harmonic Distortion at VOPHI – VOPLO = 1 V p-p vs.
Frequency, VS = 5 V, RL = 200
W, Maximum Gain
5V
RL = 1k
FREQUENCY – MHz
050
7.8
100
150
200
250
300
350
400
8.0
7.6
7.4
7.2
7.0
6.8
6.6
3V
RL = 200
TPC 12. Noise Figure vs. Frequency by RL and
Supply Voltage at Maximum Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com