Electronic Components Datasheet Search
  English  ▼

X  

AD8369 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8369
Description  45 dB Digitally Controlled VGA LF to 600 MHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8369 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8369 Datasheet HTML 16Page - Analog Devices AD8369 Datasheet HTML 17Page - Analog Devices AD8369 Datasheet HTML 18Page - Analog Devices AD8369 Datasheet HTML 19Page - Analog Devices AD8369 Datasheet HTML 20Page - Analog Devices AD8369 Datasheet HTML 21Page - Analog Devices AD8369 Datasheet HTML 22Page - Analog Devices AD8369 Datasheet HTML 23Page - Analog Devices AD8369 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
REV. 0
–22–
AD8369
9
10
11
12
13
14
15
16
PWUP VPOS SENB
FILT CMDC OPHI
INHI COMM
INLO
DENB
COMM BIT0
BIT1
BIT2
BIT3
AD8369
OPLO
0.1 F
8
7
6
5
4
3
2
1
VS
5.0V
100nF
100nF
1nF
0.1 F
1nF
100nF
100nF
RL
VS
113
113
162
162
191
191
100nF
100nF
AD8351
100nF
100nF
MACOM
ETC1-1-13
TEK P6248
DIFF
PROBE
TEK 1103
PROBE
POWER
SUPPLY
R & S
FSEA30
SPECTRUM
ANALYZER
–19dB
–12dB
LPF
RF OUT
R & S SMT-03
SIGNAL GENERATOR
Figure 15. Harmonic Distortion Setup
RL
9
10
11
12
13
14
15
16
PWUP VPOS SENB
FILT CMDC OPHI
INHI COMM
INLO
DENB
COMM BIT0
BIT1
BIT2
BIT3
AD8369
OPLO
0.1 F
8
7
6
5
4
3
2
1
VS
5.0V
MINI-CIRCUITS
TC4-1W
10nF
1nF
0.1 F
1nF
10nF
VS
10nF
604
604
237
4120
10nF
R & S SMT-03
SIGNAL GENERATOR
MINI-CIRCUITS
TC4-1W
–34dBm AT 70MHz
PICOSECOND
PULSE LABS
PULSE GENERATOR
50
RF OUT
AGILENT INFINIUM
DSO
Figure 16. Gain Step Response Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com