Electronic Components Datasheet Search
  English  ▼

X  

AD8369 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8369
Description  45 dB Digitally Controlled VGA LF to 600 MHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8369 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8369 Datasheet HTML 7Page - Analog Devices AD8369 Datasheet HTML 8Page - Analog Devices AD8369 Datasheet HTML 9Page - Analog Devices AD8369 Datasheet HTML 10Page - Analog Devices AD8369 Datasheet HTML 11Page - Analog Devices AD8369 Datasheet HTML 12Page - Analog Devices AD8369 Datasheet HTML 13Page - Analog Devices AD8369 Datasheet HTML 14Page - Analog Devices AD8369 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
REV. 0
AD8369
–11–
FREQUENCY – MHz
10
100
1000
0.5
0
1.0
1.5
2.0
0.5
1.0
1.5
2.0
40 C
85 C
GAIN ERROR AT
40 C AND
85 C
WITH RESPECT TO
25 C. DATA BASED
ON 45 PARTS FROM TWO BATCH LOTS.
TPC 25. Gain Error Due to Temperature Change vs.
Frequency, 3 Sigma to Either Side of Mean, VS = 5 V,
RL = 1 k
W, Maximum Gain
40 C
FREQUENCY – MHz
10
100
1000
0.5
0
1.0
1.5
2.0
0.5
1.0
1.5
2.0
GAIN ERROR AT
40 C AND
85 C
WITH RESPECT TO
25 C. DATA BASED
ON 45 PARTS FROM TWO BATCH LOTS.
85 C
TPC 26. Gain Error Due to Temperature Change vs.
Frequency, 3 Sigma to Either Side of Mean, VS = 3 V,
RL = 1 k
W, Maximum Gain
FREQUENCY – MHz
10
20
100
25
30
35
1000
5
10
15
0
13
18
23
28
–2
3
8
–7
–40 C
+85 C
+25 C
TPC 27. IP3 vs. Frequency by Temperature, VS = 5 V,
RL = 200
W, Maximum Gain
FREQUENCY – MHz
10
100
1000
0.5
0
1.0
1.5
2.0
0.5
1.0
1.5
2.0
40 C
85 C
GAIN ERROR AT
40 C AND
85 C
WITH RESPECT TO
25 C. DATA BASED
ON 45 PARTS FROM TWO BATCH LOTS.
TPC 28. Gain Error Due to Temperature Change
vs. Frequency, 3 Sigma to Either Side of Mean,
VS = 5 V, RL = 200
W, Maximum Gain
FREQUENCY – MHz
10
100
1000
0.5
0
1.0
1.5
2.0
0.5
1.0
1.5
2.0
GAIN ERROR AT
40 C AND
85 C
WITH RESPECT TO
25 C. DATA BASED
ON 45 PARTS FROM TWO BATCH LOTS.
40 C
85 C
TPC 29. Gain Error Due to Temperature Change
vs. Frequency, 3 Sigma to Either Side of Mean,
VS = 3 V, RL = 200
W, Maximum Gain
FREQUENCY – MHz
10
100
1000
0
6
10
–2
2
4
8
85 C
40 C
25 C
–7
–1
3
–9
–5
–3
1
TPC 30. Output P1dB vs. Frequency by Temperature,
VS = 5 V, RL = 200
W, Maximum Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com