Electronic Components Datasheet Search
  English  ▼

X  

AD8369 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8369
Description  45 dB Digitally Controlled VGA LF to 600 MHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8369 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8369 Datasheet HTML 14Page - Analog Devices AD8369 Datasheet HTML 15Page - Analog Devices AD8369 Datasheet HTML 16Page - Analog Devices AD8369 Datasheet HTML 17Page - Analog Devices AD8369 Datasheet HTML 18Page - Analog Devices AD8369 Datasheet HTML 19Page - Analog Devices AD8369 Datasheet HTML 20Page - Analog Devices AD8369 Datasheet HTML 21Page - Analog Devices AD8369 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
REV. 0
–18–
AD8369
Evaluation Board
The evaluation board allows for quick testing of the AD8369
using standard 50
W test equipment. The schematic is shown in
Figure 9. Transformers T1 and T2 are used to transform 50
W
source and load impedances to the desired 200
W reference level.
This allows for broadband operation of the device without the need
to pay close attention to impedance matching (see Table III).
Figure 10. Evaluation Board Layout
Evaluation Board Software
The evaluation board comes with the AD8369 control software
that allows for serial gain control from most computers. The
evaluation board is connected via a cable to the parallel port of
the computer. By simply adjusting the slider bar in the control
software, the gain code is automatically updated to the AD8369.
On some older PCs, it may be necessary to use 5 k
W pull-up
resistors to VPOS on DATA, CLOCK, and LATCH depending
upon the capabilities of the port transceiver.
It is necessary to set SW3 on the evaluation board to “SER” for
the control software to function normally.
A screen shot of the evaluation software interface is shown in
Figure 11.
Figure 11. Evaluation Software Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com