Electronic Components Datasheet Search
  English  ▼

X  

AD8369 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8369
Description  45 dB Digitally Controlled VGA LF to 600 MHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8369 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8369 Datasheet HTML 5Page - Analog Devices AD8369 Datasheet HTML 6Page - Analog Devices AD8369 Datasheet HTML 7Page - Analog Devices AD8369 Datasheet HTML 8Page - Analog Devices AD8369 Datasheet HTML 9Page - Analog Devices AD8369 Datasheet HTML 10Page - Analog Devices AD8369 Datasheet HTML 11Page - Analog Devices AD8369 Datasheet HTML 12Page - Analog Devices AD8369 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
REV. 0
AD8369
–9–
GAIN CODE
01
23
456
7
8
9
10 11 12
13 14 15
4.0
5.0
6.0
7.0
8.0
9.0
8.5
7.5
6.5
5.5
4.5
–3.0
–2.0
–1.0
0
1.0
2.0
1.5
0.5
–0.5
–1.5
–2.5
TPC 13. Output P1dB vs. Gain Code at 70 MHz,
VS = 5 V, RL = 200
W
FREQUENCY – MHz
10
100
1000
80
30
20
10
0
40
50
60
70
TPC 14. Common-Mode Rejection Ratio vs. Frequency
at Maximum Gain, VS = 5 V, RL = 200
W (Refer to
Appendix for Definition)
FREQUENCY – MHz
10
100
100
150
200
250
1000
R
C
0
0.25
0.50
0.75
INLO
INHI
TPC 15. Equivalent Input Resistance and
Capacitance vs. Frequency at Maximum Gain
FREQUENCY – MHz
10
100
1000
0
1
2
3
4
5
6
7
8
9
–7
–6
–5
–4
–3
–2
–1
0
1
2
TPC 16. Output P1dB vs. Frequency, VS = 5 V,
RL = 200
W, Maximum Gain
FREQUENCY – MHz
40
10
100
1000
50
60
70
80
90
100
TPC 17. Reverse Isolation vs. Frequency at
Maximum Gain, VS = 5 V, RL = 200
W (Refer to
Appendix for Definition)
OPLO
OPHI
FREQUENCY – MHz
10
100
100
150
200
250
1000
R
C
0
0.25
0.50
0.75
TPC 18. Equivalent Output Resistance and
Capacitance vs. Frequency at Maximum Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com