Electronic Components Datasheet Search
  English  ▼

X  

AD8369 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8369
Description  45 dB Digitally Controlled VGA LF to 600 MHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8369 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8369 Datasheet HTML 8Page - Analog Devices AD8369 Datasheet HTML 9Page - Analog Devices AD8369 Datasheet HTML 10Page - Analog Devices AD8369 Datasheet HTML 11Page - Analog Devices AD8369 Datasheet HTML 12Page - Analog Devices AD8369 Datasheet HTML 13Page - Analog Devices AD8369 Datasheet HTML 14Page - Analog Devices AD8369 Datasheet HTML 15Page - Analog Devices AD8369 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
REV. 0
–12–
AD8369
SAMPLE FROM
ONE BATCH LOT
GAIN STEP SIZE – dB/CODE
3.08
30
0
20
10
3.10
3.12
3.14
3.06
40
50
60
TPC 31. Distribution of Gain Step Size, 70 MHz,
VS = 5 V
IMD – dBc
–74
16
12
0
2
10
14
4
6
8
18
–73 –72 –71 –70 –69 –68 –67 –66 –65 –64 –63 –62
SAMPLE FROM
TWO BATCH LOTS
TPC 32. Distribution of IMD3, 70 MHz, RL = 1 k
W,
VOPHI – VOPLO = 1 V p-p Composite, VS = 5 V,
Maximum Gain
FREQUENCY – MHz
0
400
500
300
200
100
500
600
700
800
0
1000
1500
2000
2500
3000
3V, RL = 1k
5V, RL = 1k
3V, RL = 200
5V, RL = 200
TPC 33. Group Delay vs. Frequency by RL and
Supply Voltage at Maximum Gain
SAMPLE FROM
ONE BATCH LOT
GAIN STEP SIZE – dB/CODE
15
3.16
40
30
0
20
5
10
25
35
3.18
3.20
3.22
TPC 34. Distribution of Gain Step Size, 320 MHz,
VS = 5 V
IMD – dBc
–58
16
12
0
2
10
14
4
6
8
18
–57
–56
–53
–52
–55
–54
–51
–50
–49
–48
20
22
24
26
SAMPLE FROM
TWO BATCH LOTS
TPC 35. Distribution of IMD3, 320 MHz, RL = 1 k
W,
VOPHI – VOPLO = 1 V p-p Composite, VS = 5 V,
Maximum Gain
FREQUENCY – MHz
0
400
600
800
1000
1200
1400
1600
100
200
300
400
500
600
700
800
ALL GAIN CODES
REPRESENTED
TPC 36. Group Delay vs. Frequency by Gain Code,
VS = 5 V, RL = 1 k
W, Maximum Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com