Electronic Components Datasheet Search
  English  ▼

X  

DS3134 Datasheet(PDF) 139 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 139 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 135Page - Dallas Semiconductor DS3134 Datasheet HTML 136Page - Dallas Semiconductor DS3134 Datasheet HTML 137Page - Dallas Semiconductor DS3134 Datasheet HTML 138Page - Dallas Semiconductor DS3134 Datasheet HTML 139Page - Dallas Semiconductor DS3134 Datasheet HTML 140Page - Dallas Semiconductor DS3134 Datasheet HTML 141Page - Dallas Semiconductor DS3134 Datasheet HTML 142Page - Dallas Semiconductor DS3134 Datasheet HTML 143Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 203 page
background image
DS3134
139 of 203
Register Name:
TDQFFT
Register Description: Transmit Done Queue FIFO Flush Timer
Register Address:
0844h
76
5432
10
TC7
TC6
TC5
TC4
TC3
TC2
TC1
TC0
15
14
13
12
11
10
9
8
TC15
TC14
TC13
TC12
TC11
TC10
TC9
TC8
Note: Bits that are underlined are read only, all other bits are read-write; default value for all bits is 0.
Bits 0 to 15 / Transmit Done Queue FIFO Flush Timer Control Bits (TC0 to TC15). Please note that
on system reset, the timer will be set to 0000h which is defined as an illegal setting. If the Receive Done
Queue FIFO is to be activated (TDQFE = 1), then the Host must first configure the timer to a proper state
and then set the TDQFE bit to one.
0000h = illegal setting
0001h = Timer Count Resets to 1
FFFFh = Timer Count Resets to 65536
Register Name:
TDMAQ
Register Description: Transmit DMA Queues Control
Register Address:
0880h
76
5432
10
n/a
n/a
n/a
n/a
TDQF
TDQFE
TPQF
TPQFE
15
14
13
12
11
10
9
8
n/a
n/a
n/a
n/a
n/a
TDQT2
TDQT1
TDQT0
Note: Bits that are underlined are read only, all other bits are read-write; default value for all bits is 0.
Bit 0 / Transmit Pending Queue FIFO Enable (TPQFE). See Section 8.2.3 for details.
Bit 1 / Transmit Pending Queue FIFO Flush (TPQLF). See Section 8.2.3 for details.
Bit 3 / Transmit Done Queue FIFO Enable (TDQFE). To enable the DMA to burst write descriptors
to the Done Queue; this bit must be set to a one. If this bit is set to zero, descriptors will be written one at
a time.
0 = Done Queue Burst Write Disabled
1 = Done Queue Burst Write Enabled
Bit 4 / Transmit Done Queue FIFO Flush (TDQF). When this bit is set to one, the internal Done
Queue FIFO will be flushed by sending all data into the Done Queue. This bit must be set to zero for
proper operation.
0 = FIFO in normal operation
1 = FIFO is flushed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com