Electronic Components Datasheet Search
  English  ▼

X  

DS3134 Datasheet(PDF) 143 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 143 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 139Page - Dallas Semiconductor DS3134 Datasheet HTML 140Page - Dallas Semiconductor DS3134 Datasheet HTML 141Page - Dallas Semiconductor DS3134 Datasheet HTML 142Page - Dallas Semiconductor DS3134 Datasheet HTML 143Page - Dallas Semiconductor DS3134 Datasheet HTML 144Page - Dallas Semiconductor DS3134 Datasheet HTML 145Page - Dallas Semiconductor DS3134 Datasheet HTML 146Page - Dallas Semiconductor DS3134 Datasheet HTML 147Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 203 page
background image
DS3134
143 of 203
- FOR DMA USAGE ONLY / HOST CAN ONLY READ THIS FIELD -
dword 3; Bits 16 to 31 / Last Pending Descriptor Pointer. This 16-bit value is the offset from the
Transmit Descriptor Base Address of the first Transmit Packet Descriptor for the packet that is queued up
last for transmission.
- FOR DMA USAGE ONLY / HOST CAN ONLY READ THIS FIELD -
dword 4; Bits 0 to 15 / Next Priority Descriptor Pointer. This 16-bit value is the offset from the
Transmit Descriptor Base Address of the next Transmit Priority Packet Descriptor for the priority packet
that is currently being transmitted. Only valid if EOF = 0 or if EOF = 1 and CV = 1.
- FOR DMA USAGE ONLY / HOST CAN ONLY READ THIS FIELD -
dword 4; Bits 16 to 31/ Unused. This field is not used by the DMA and could be any value when read.
- FOR DMA USAGE ONLY / HOST CAN ONLY READ THIS FIELD -
dword 5; Bits 0 to 15 / Last Priority Pending Descriptor Pointer. This 16-bit value is the offset from
the Transmit Descriptor Base Address of the first Transmit Priority Packet Descriptor for the priority
packet that is queued up last for transmission.
- FOR DMA USAGE ONLY / HOST CAN ONLY READ THIS FIELD -
dword 5; Bits 16 to 31 / Next Priority Pending Descriptor Pointer. This 16-bit value is the offset from
the Transmit Descriptor Base Address of the first Transmit Priority Packet Descriptor for the packet
priority that is queued up next for transmission.
Register Name:
TDMACIS
Register Description: Transmit DMA Configuration Indirect Select
Register Address:
0870h
76
5432
10
HCID7
HCID6
HCID5
HCID4
HCID3
HCID2
HCID1
HCID0
15
14
13
12
11
10
9
8
IAB
IARW
n/a
n/a
TDCW3
TDCW2
TDCW1
TDCW0
Note: Bits that are underlined are read only, all other bits are read-write; default value for all bits is 0.
Bits 0 to 7 / HDLC Channel ID (HCID0 to HCID7).
00000000 (00h) = HDLC Channel Number 1
11111111 (FFh) = HDLC Channel Number 256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com