Electronic Components Datasheet Search
  English  ▼

X  

TMX320LF2402AVFS Datasheet(PDF) 29 Page - Texas Instruments

Part # TMX320LF2402AVFS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320LF2402AVFS Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMX320LF2402AVFS Datasheet HTML 25Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 26Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 27Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 28Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 29Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 30Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 31Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 32Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 134 page
background image
TMS320LF2407A,TMS320LF2406A,TMS320LF2403A,TMS320LF2402A
TMS320LC2406A,TMS320LC2404A,TMS320LC2403A,TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
29
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
peripheral memory map of the 2407A/2406A
Reserved
Reserved
70C0−70FF
General-Purpose
Timer Registers
Flag Registers
Event Manager − EVB
Deadband Registers
Compare, PWM, and
Interrupt Mask, Vector, and
Capture and QEP Registers
7500−7508
7511−7519
7520−7529
752C−7531
7532−753F
7432−743F
742C−7431
7420−7429
7411−7419
7400−7408
Illegal
Flag Registers
Interrupt Mask, Vector and
Capture and QEP Registers
Deadband Registers
Compare, PWM, and
Timer Registers
General-Purpose
Event Manager − EVA
710F−71FF
7100−710E
70A0−70BF
7090−709F
7080−708F
7070−707F
7060−706F
7050−705F
7040−704F
7030−703F
7020−702F
7010−701F
7000−700F
CAN Control Registers
ADC Control Registers
Digital I/O Control Registers
External-Interrupt Registers
SCI
SPI
Watchdog Timer Registers
Control Registers
System Configuration and
Hex
Hex
005F
0007
0006
0005
0004
0003
0000
and Reserved
Emulation Registers
Interrupt Flag Register
Interrupt-Mask Register
FFFF
77F0
77EF
7540
753F
7500
74FF
7440
743F
7400
73FF
7000
6FFF
1000
07FF
0400
03FF
0300
02FF
0200
01FF
0080
007F
0060
005F
0000
External†
Peripheral Frame 3 (PF3)
Peripheral Frame 2 (PF2)
Peripheral Frame 1 (PF1)
On-Chip DARAM B1
On-Chip DARAM B0
Reserved
On-Chip DARAM B2
and Reserved
Memory-Mapped Registers
“Illegal” indicates that access to
these addresses causes a
nonmaskable interrupt (NMI).
Reserved
“Reserved” indicates addresses that
are reserved for test.
† Available in LF2407A only
Illegal
Illegal
Illegal
Illegal
Illegal
Illegal
Illegal
Illegal
Illegal
Illegal
0100
00FF
Reserved
Illegal
0500
04FF
SARAM (2K)
0800
0FFF
CAN Mailbox
Illegal
7230−73FF
7200−722F
Illegal
Reserved
Code Security Passwords
Illegal
77F3
77F4
7FFF
8000
Reserved
77FF
7800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com