Electronic Components Datasheet Search
  English  ▼

X  

TMX320LF2402AVFS Datasheet(PDF) 81 Page - Texas Instruments

Part # TMX320LF2402AVFS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320LF2402AVFS Datasheet(HTML) 81 Page - Texas Instruments

Back Button TMX320LF2402AVFS Datasheet HTML 77Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 78Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 79Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 80Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 81Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 82Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 83Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 84Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 134 page
background image
TMS320LF2407A, TMS320LF2406A, TMS320LF2403A, TMS320LF2402A
TMS320LC2406A, TMS320LC2404A, TMS320LC2403A, TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
81
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
RS timing
timing requirements for a reset [H = 0.5tc(CO)] (see Figure 27 and Figure 28)
MIN
NOM
MAX
UNIT
tw(RSL)
Pulse duration, stable CLKIN to RS high
8tc(CI)†
cycles
tw(RSL2)
Pulse duration, RS low
8tc(CI)
cycles
tp
PLL lock-up time
4096tc(CI)
cycles
td(EX)
Delay time, reset vector executed after PLL lock time
36H
ns
† During power-on reset, the device can continue to hold the RS pin low for another 128 CLKIN cycles.
XTAL1
(See Note B)
Address/
Data/
Control
CLKOUT
RS
tw(RSL)
tp
td(EX)
VDD/VDDO
CLKIN
BOOT_EN/XF
tOSCST
(See Note C)
BOOT_EN
I/Os
XF
Code-Dependent
Address/Data/Control Valid
Hi-Z (See Note D)
NOTES: A. Be certain that the emulation logic is reset before de-asserting the device reset. That is, TRST of the device is not driven high before
the device reset is de-asserted. This is applicable to XDS510
, XDS510PP, and XDS510PP+ class of emulators. New
generation emulators such as SPI515
 and XDS510 USB emulators have built-in protection mechanism to take care of this
requirement.
B. XTAL1 refers to the internal oscillator clock if on-chip oscillator is used.
C. tOSCST is the oscillator start-up time, which is dependent on crystal/resonator and board design.
D. All I/Os contain a clamp to VDD. Inputs of approximately 0.7 V above VDD will cause the I/O to sink current. I/Os containing pullups
or pulldowns will always sink/source a small amount of current once powered.
Figure 27. Power-on Reset (See Note A)
XDS510PP+, SP515, and XDS510 USB are trademarks of Spectrum Digital.
XDS510 and XDS510PP, are trademarks of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com