Electronic Components Datasheet Search
  English  ▼

X  

TMX320LF2402AVFS Datasheet(PDF) 71 Page - Texas Instruments

Part # TMX320LF2402AVFS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320LF2402AVFS Datasheet(HTML) 71 Page - Texas Instruments

Back Button TMX320LF2402AVFS Datasheet HTML 67Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 68Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 69Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 70Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 71Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 72Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 73Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 74Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 134 page
background image
TMS320LF2407A, TMS320LF2406A, TMS320LF2403A, TMS320LF2402A
TMS320LC2406A, TMS320LC2404A, TMS320LC2403A, TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
71
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
LF240xA AND LC240xA ELECTRICAL SPECIFICATIONS DATA
absolute maximum ratings over operating free-air temperature ranges (unless otherwise noted)†
Supply voltage range, VDD, PLLVCCA, VDDO, and VCCA (see Note 1)
− 0.3 V to 4.6 V
. . . . . . . . . . . . . . . . . . .
VCCP range
− 0.3 V to 5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VIN
− 0.3 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO LF240xA
− 0.3 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range,VO LC240xA
− 0.3 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VIN < 0 or VIN > VCC)
± 20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
± 20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature ranges, TA: A version
− 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
S version
− 40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction temperature range, TJ (see Note 2)
− 40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg (see Note 2)
− 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Clamp current stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES: 1. All voltage values are with respect to VSS.
2. Long−term high−temperature storage and/or extended use at maximum temperature conditions may result in a reduction of overall
device life. For additional information, see the IC Package Thermal Metrics Application Report (literature number SPRA953) and
the Reliability Data for TMS320LF24x and TMS320F281x Devices Application Report (literature number SPRA963).
recommended operating conditions‡§
MIN
NOM
MAX
UNIT
VDD/VDDO
Supply voltage
VDDO = VDD ± 0.3 V
3
3.3
3.6
V
VSS
Supply ground
0
0
0
V
PLLVCCA
PLL supply voltage
3
3.3
3.6
V
VCCA¶
ADC supply voltage
3
3.3
3.6
V
VCCP
Flash programming supply voltage
4.75
5
5.25
V
fCLKOUT
Device clock frequency (system clock)
2
40
MHz
V #
High level input voltage
All inputs
2
V
03
V
VIH#
High-level input voltage
All inputs
2
VDD + 0.3
V
V
Low level input voltage
All inputs
08
V
VIL
Low-level input voltage
All inputs
0.8
V
Output pins Group 1||
− 2
mA
IOH
High-level output source current, VOH = 2.4 V
Output pins Group 2||
− 4
mA
IOH
High level output source current, VOH 2.4 V
Output pins Group 3||
− 8
mA
Output pins Group 1||
2
mA
IOL
Low-level output sink current, VOL = VOL MAX
Output pins Group 2||
4
mA
IOL
Low level output sink current, VOL VOL MAX
Output pins Group 3||
8
mA
T
Free air temperature
A version
− 40
85
°C
TA
Free-air temperature
S version
− 40
125
°C
TJ
Junction temperature
− 40
25
150
°C
Nf
Flash endurance for the array (Write/erase
cycles)
− 40
°C to 85°C
10K
cycles
‡ See the mechanical data package page for thermal resistance values, ΘJA (junction-to-ambient), ΘJC (junction-to-case), and Ψjt (junction-to-top
of case)
§ The drive strengths of the EVA PWM pins and the EVB PWM pins are not identical.
VCCA should not differ from VDD by more than 0.3 V.
# The input buffers used in 240x/240xA are not 5-V compatible.
|| Primary signals and their groupings:
Group 1:
PWM1−PWM6, T1PWM, T2PWM, CAP1−CAP6, TCLKINA, IOPF6, IOPC1, TCK, TDI, TMS, XF, A0−A15, RS
Group 2:
PS/DS/IS, RD, W/R, STRB, R/W, VIS_OE, D0−D15, T3PWM, T4PWM, PWM7−PWM12, CANTX, CANRX, SPICLK,
SPISOMI, SPISIMO, SPISTE, EMU0, EMU1, TDO, TMS2
Group 3:
TDIRA, TDIRB, SCIRXD, SCITXD, XINT1, XINT2, CLKOUT, TCLKINB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com