Electronic Components Datasheet Search
  English  ▼

X  

TMX320LF2402AVFS Datasheet(PDF) 58 Page - Texas Instruments

Part # TMX320LF2402AVFS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320LF2402AVFS Datasheet(HTML) 58 Page - Texas Instruments

Back Button TMX320LF2402AVFS Datasheet HTML 54Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 55Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 56Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 57Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 58Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 59Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 60Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 61Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 134 page
background image
TMS320LF2407A,TMS320LF2406A,TMS320LF2403A,TMS320LF2402A
TMS320LC2406A,TMS320LC2404A,TMS320LC2403A,TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
58
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PLL-based clock module (continued)
XTAL2
XTAL1/CLKIN
PLL
XTAL
OSC
CLKOUT
Fin
3-bit
PLL Select
(SCSR1.[11:9])
R1
C1
C2
PLLF
RESONATOR/
CRYSTAL
PLLF2
Cb1
Cb2
Figure 16. PLL Clock Module Block Diagram
Table 9. PLL Clock Selection Through Bits (11−9) in SCSR1 Register
CLK PS2
CLK PS1
CLK PS0
CLKOUT
0
0
0
4
× Fin
0
0
1
2
× Fin
0
1
0
1.33
× Fin
0
1
1
1
× Fin
1
0
0
0.8
× Fin
1
0
1
0.66
× Fin
1
1
0
0.57
× Fin
1
1
1
0.5
× Fin
Default multiplication factor after reset is (1,1,1), i.e., 0.5
× Fin.
NOTE:
The bootloader sets the PLL to x2 or x4 option. If the bootloader is used, the value of CLKIN used
should not force CLKOUT to exceed the maximum rated device speed. See the “Boot ROM” section
for more details.
external reference crystal clock option
The internal oscillator is enabled by connecting a crystal across the XTAL1/CLKIN and XTAL2 pins as shown
in Figure 17a. The crystal should be in fundamental operation and parallel resonant, with an effective series
resistance of 30
Ω −150 Ω and draws no more than 1 mW; it should be specified at a load capacitance of 20 pF.
NOTE: Lx240xA crystal biasing needs an external 1 M
Ω resistor across X1 and X2 pins for reliable operation. See the TMS320LF2407A,
LF2406A, LF2403A, LF2402A DSP Controllers Silicon Errata (literature number SPRZ002) or the TMS320LC2406A, TMS320LC2404A,
TMS320LC2402A DSP Controllers Silicon Errata (literature number SPRZ185) for details on this requirement.
external reference oscillator clock option
The internal oscillator is disabled by connecting a clock signal to XTAL1/CLKIN and leaving the XTAL2 input
pin unconnected as shown in part b of Figure 17.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com