Electronic Components Datasheet Search
  English  ▼

X  

TMX320LF2402AVFS Datasheet(PDF) 17 Page - Texas Instruments

Part # TMX320LF2402AVFS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320LF2402AVFS Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMX320LF2402AVFS Datasheet HTML 13Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 14Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 15Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 16Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 17Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 18Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 19Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 20Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 134 page
background image
TMS320LF2407A,TMS320LF2406A,TMS320LF2403A,TMS320LF2402A
TMS320LC2406A,TMS320LC2404A,TMS320LC2403A,TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
17
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
pin functions (continued)
Table 2. LF240xA and LC240xA Pin List and Package Options†‡ (Continued)
PIN NAME
LF2407A
(144-PGE)
2406A
(100-PZ)
LC2404A
(100-PZ)
2403A,
LC2402A
(64-PAG)
and
2402A
(64-PG)
DESCRIPTION
ADDRESS, DATA, AND MEMORY CONTROL SIGNALS
DS
87
Data space strobe. IS, DS, and PS are always
high unless low-level asserted for access to the
relevant external memory space or I/O. They are
placed in the high-impedance state.
IS
82
I/O space strobe. IS, DS, and PS are always high
unless low-level asserted for access to the
relevant external memory space or I/O. They are
placed in the high-impedance state.
PS
84
Program space strobe. IS, DS, and PS are always
high unless low-level asserted for access to the
relevant external memory space or I/O. They are
placed in the high-impedance state.
R/W
92
Read/write qualifier signal. R/W indicates transfer
direction during communication to an external
device. It is normally in read mode (high), unless
low level is asserted for performing a write
operation. R/W is placed in the high-impedance
state.
W/R / IOPC0
W/R
19
Write/Read qualifier or GPIO. This is an inverted
R/W signal useful for zero-wait-state memory
interface. It is normally low, unless a memory write
W/R / IOPC0
IOPC0
19
14
14
interface. It is normally low, unless a memory write
operation is performed. See Table 12, Port C
section, for reset note regarding LF2406A and
LF2402A.
(
↑)
RD
93
Read-enable strobe. Read-select indicates an
active, external read cycle. RD is active on all
external program, data, and I / O reads. RD is
placed in the high-impedance state.
WE
89
Write-enable strobe. The falling edge of WE
indicates that the device is driving the external
data bus (D15 −D0). WE is active on all external
program, data, and I/O writes. WE is placed in the
high-impedance state.
STRB
96
External memory access strobe. STRB is always
high unless asserted low to indicate an external
bus cycle. STRB is active for all off-chip
accesses. STRB is placed in the high-impedance
state.
† Bold, italicized pin names indicate pin function after reset.
‡ GPIO − General-purpose input/output pin. All GPIOs come up as input after reset.
§ It is highly recommended that VCCA be isolated from the digital supply voltage (and VSSA from digital ground) to maintain the specified accuracy
and improve the noise immunity of the ADC.
Only when all of the following conditions are met: EMU1/OFF is low, TRST is low, and EMU0 is high
# No power supply pin (VDD, VDDO, VSS, or VSSO) should be left unconnected. All power supply pins must be connected appropriately for proper
device operation.
LEGEND:
↑ − Internal pullup
↓ − Internal pulldown
(Typical active pullup/pulldown value is
±16 µA.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com