Electronic Components Datasheet Search
  English  ▼

X  

TMX320LF2402AVFS Datasheet(PDF) 63 Page - Texas Instruments

Part # TMX320LF2402AVFS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320LF2402AVFS Datasheet(HTML) 63 Page - Texas Instruments

Back Button TMX320LF2402AVFS Datasheet HTML 59Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 60Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 61Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 62Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 63Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 64Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 65Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 66Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 134 page
background image
TMS320LF2407A,TMS320LF2406A,TMS320LF2403A,TMS320LF2402A
TMS320LC2406A,TMS320LC2404A,TMS320LC2403A,TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
63
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
description of shared I/O pins (continued)
Table 12. Shared Pin Configurations† (Continued)
PIN FUNCTION SELECTED
MUX
CONTROL
MUX CONTROL
I/O PORT DATA AND DIRECTION‡
(MCRx.n = 1)
Primary Function
(MCRX.N = 0)
I/O
CONTROL
REGISTER
(name.bit #)
MUX CONTROL
VALUE AT RESET
(MCRx.n)
REGISTER
DATA BIT NO.§
DIR BIT NO.
PORT E
CLKOUT
IOPE0
MCRC.0
1
PEDATDIR
0
8
PWM7
IOPE1
MCRC.1
0
PEDATDIR
1
9
PWM8
IOPE2
MCRC.2
0
PEDATDIR
2
10
PWM9
IOPE3
MCRC.3
0
PEDATDIR
3
11
PWM10
IOPE4
MCRC.4
0
PEDATDIR
4
12
PWM11
IOPE5
MCRC.5
0
PEDATDIR
5
13
PWM12
IOPE6
MCRC.6
0
PEDATDIR
6
14
CAP4/QEP3
IOPE7
MCRC.7
0
PEDATDIR
7
15
PORT F
CAP5/QEP4
IOPF0
MCRC.8
0
PFDATDIR
0
8
CAP6
IOPF1
MCRC.9
0
PFDATDIR
1
9
T3PWM/T3CMP
IOPF2
MCRC.10
0
PFDATDIR
2
10
T4PWM/T4CMP
IOPF3
MCRC.11
0
PFDATDIR
3
11
TDIRB
IOPF4
MCRC.12
0
PFDATDIR
4
12
TCLKINB
IOPF5
MCRC.13
0
PFDATDIR
5
13
† Bold, italicized pin names indicate pin functions at reset.
‡ Valid only if the I/O function is selected on the pin
§ If the GPIO pin is configured as an output, these bits can be written to. If the pin is configured as an input, these bits are read from.
If the DIR bit is 0, the GPIO pin functions as an input. For a value of 1, the pin is configured as an output.
# At reset, all LF240xA devices come up with the W/R/IOPC0 pin in W/R mode. On devices that lack an external memory interface (e.g., LF2406A),
W/R mode is not functional and MCRB.0 must be set to a 0 if the IOPC0 pin is to be used. The XMIF Hi-Z control bit (bit 4 of the SCSR2 register)
is reserved in these devices and must be written with a zero.
|| Bits 15 through 9 of the MCRB register must be written as 1 only. Writing a 0 to any of these bits will cause unpredictable operation of the device.
digital I/O control registers
Table 13 lists the registers available in the digital I/O module. As with other 240xA peripherals, these registers
are memory-mapped to the data space.
Table 13. Addresses of Digital I/O Control Registers
ADDRESS
REGISTER
NAME
7090h
MCRA
I/O MUX control register A
7092h
MCRB
I/O mux control register B
7094h
MCRC
I/O mux control register C
7095h
PEDATDIR
I/O port E data and direction register
7096h
PFDATDIR
I/O port F data and direction register
7098h
PADATDIR
I/O port A data and direction register
709Ah
PBDATDIR
I/O port B data and direction register
709Ch
PCDATDIR
I/O port C data and direction register
709Eh
PDDATDIR
I/O port D data and direction register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com