Electronic Components Datasheet Search
  English  ▼

X  

TMX320LF2402AVFS Datasheet(PDF) 32 Page - Texas Instruments

Part # TMX320LF2402AVFS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320LF2402AVFS Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMX320LF2402AVFS Datasheet HTML 28Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 29Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 30Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 31Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 32Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 33Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 34Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 35Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 134 page
background image
TMS320LF2407A,TMS320LF2406A,TMS320LF2403A,TMS320LF2402A
TMS320LC2406A,TMS320LC2404A,TMS320LC2403A,TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
32
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
interrupt request structure
Table 3. LF240xA/LC240xA Interrupt Source Priority and Vectors
INTERRUPT
NAME
OVERALL
PRIORITY
CPU
INTERRUPT
AND
VECTOR
ADDRESS
BIT
POSITION IN
PIRQRx AND
PIACKRx
PERIPHERAL
INTERRUPT
VECTOR
(PIV)
MASK-
ABLE?
SOURCE
PERIPHERAL
MODULE
DESCRIPTION
Reset
1
RSN
0000h
N/A
N
RS pin,
Watchdog
Reset from pin, watchdog
timeout
Reserved
2
−
0026h
N/A
N
CPU
Emulator trap
NMI
3
NMI
0024h
N/A
N
Nonmaskable
Interrupt
Nonmaskable interrupt,
software interrupt only
PDPINTA
4
0.0
0020h
Y
EVA
Power device protection
PDPINTB
5
2.0
0019h
Y
EVB
Power device protection
interrupt pins
ADCINT
6
0.1
0004h
Y
ADC
ADC interrupt in
high-priority mode
XINT1
7
0.2
0001h
Y
External
Interrupt Logic External interrupt pins in high
XINT2
8
INT1
0.3
0011h
Y
External
Interrupt Logic
External interrupt pins in high
priority
SPIINT
9
INT1
0002h
0.4
0005h
Y
SPI
SPI interrupt pins in high priority
RXINT
10
0002h
0.5
0006h
Y
SCI
SCI receiver interrupt in
high-priority mode
TXINT
11
0.6
0007h
Y
SCI
SCI transmitter interrupt in
high-priority mode
CANMBINT
12
0.7
0040
Y
CAN
CAN mailbox in high-priority
mode
CANERINT
13
0.8
0041
Y
CAN
CAN error interrupt in
high-priority mode
CMP1INT
14
0.9
0021h
Y
EVA
Compare 1 interrupt
CMP2INT
15
0.10
0022h
Y
EVA
Compare 2 interrupt
CMP3INT
16
0.11
0023h
Y
EVA
Compare 3 interrupt
T1PINT
17
INT2
0.12
0027h
Y
EVA
Timer 1 period interrupt
T1CINT
18
INT2
0004h
0.13
0028h
Y
EVA
Timer 1 compare interrupt
T1UFINT
19
0004h
0.14
0029h
Y
EVA
Timer 1 underflow interrupt
T1OFINT
20
0.15
002Ah
Y
EVA
Timer 1 overflow interrupt
CMP4INT
21
2.1
0024h
Y
EVB
Compare 4 interrupt
CMP5INT
22
2.2
0025h
Y
EVB
Compare 5 interrupt
CMP6INT
23
2.3
0026h
Y
EVB
Compare 6 interrupt
T3PINT
24
2.4
002Fh
Y
EVB
Timer 3 period interrupt
T3CINT
25
2.5
0030h
Y
EVB
Timer 3 compare interrupt
T3UFINT
26
2.6
0031h
Y
EVB
Timer 3 underflow interrupt
T3OFINT
27
2.7
0032h
Y
EVB
Timer 3 overflow interrupt
† See the TMS320LF/LC240xA DSP Controllers Reference Guide: System and Peripherals (literature number SPRU357) for more information.
NOTE: Some interrupts may not be available in a particular device due to the absence of a peripheral. See Table 1 for more details.
New peripheral interrupts and vectors with respect to the F243/F241 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com