Electronic Components Datasheet Search
  English  ▼

X  

TMX320LF2402AVFS Datasheet(PDF) 122 Page - Texas Instruments

Part # TMX320LF2402AVFS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320LF2402AVFS Datasheet(HTML) 122 Page - Texas Instruments

Back Button TMX320LF2402AVFS Datasheet HTML 118Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 119Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 120Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 121Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 122Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 123Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 124Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 125Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 126Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 134 page
background image
TMS320LF2407A,TMS320LF2406A, TMS320LF2403A, TMS320LF2402A
TMS320LC2406A, TMS320LC2404A, TMS320LC2403A, TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
122
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
peripheral register descriptions (continued)
Table 19. LF240xA/LC240xA DSP Peripheral Register Description (Continued)
ADDR
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
REG
ADDR
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
REG
CAPTURE UNIT REGISTERS − EVA
07420h
CAPRES
CAPQEPN
CAP3EN
—
CAP3TSEL
CAP12TSEL
CAP3TOADC
CAPCONA
07420h
CAP1EDGE
CAP2EDGE
CAP3EDGE
—
CAPCONA
07421h
Illegal
07422h
—
CAP3FIFO
CAP2FIFO
CAP1FIFO
CAPFIFOA
07422h
—
—
—
—
—
—
—
—
CAPFIFOA
07423h
D15
D14
D13
D12
D11
D10
D9
D8
CAP1FIFO
07423h
D7
D6
D5
D4
D3
D2
D1
D0
CAP1FIFO
07424h
D15
D14
D13
D12
D11
D10
D9
D8
CAP2FIFO
07424h
D7
D6
D5
D4
D3
D2
D1
D0
CAP2FIFO
07425h
D15
D14
D13
D12
D11
D10
D9
D8
CAP3FIFO
07425h
D7
D6
D5
D4
D3
D2
D1
D0
CAP3FIFO
07426h
Illegal
07427h
D15
D14
D13
D12
D11
D10
D9
D8
CAP1FBOT
07427h
D7
D6
D5
D4
D3
D2
D1
D0
CAP1FBOT
07428h
D15
D14
D13
D12
D11
D10
D9
D8
CAP2FBOT
07428h
D7
D6
D5
D4
D3
D2
D1
D0
CAP2FBOT
07429h
D15
D14
D13
D12
D11
D10
D9
D8
CAP3FBOT
07429h
D7
D6
D5
D4
D3
D2
D1
D0
CAP3FBOT
0742Ah
to
0742Bh
Illegal
EVENT MANAGER (EVA) INTERRUPT CONTROL REGISTERS
0742Ch
—
—
—
—
—
T1OFINT
ENA
T1UFINT
ENA
T1CINT
ENA
EVAIMRA
0742Ch
T1PINT
ENA
—
—
—
CMP3INT
ENA
CMP2INT
ENA
CMP1INT
ENA
PDPINTA
ENA
EVAIMRA
—
—
—
—
—
—
—
—
0742Dh
—
—
—
—
T2OFINT
ENA
T2UFINT
ENA
T2CINT
ENA
T2PINT
ENA
EVAIMRB
—
—
—
—
—
—
—
—
0742Eh
—
—
—
—
—
CAP3INT
ENA
CAP2INT
ENA
CAP1INT
ENA
EVAIMRC
0742Fh
—
—
—
—
—
T1OFINT
FLAG
T1UFINT
FLAG
T1CINT
FLAG
EVAIFRA
0742Fh
T1PINT
FLAG
—
—
—
CMP3INT
FLAG
CMP2INT
FLAG
CMP1INT
FLAG
PDPINTA
FLAG
EVAIFRA
—
—
—
—
—
—
—
—
07430h
—
—
—
—
T2OFINT
FLAG
T2UFINT
FLAG
T2CINT
FLAG
T2PINT
FLAG
EVAIFRB
—
—
—
—
—
—
—
—
07431h
—
—
—
—
—
CAP3INT
FLAG
CAP2INT
FLAG
CAP1INT
FLAG
EVAIFRC
07432h
to
074FFh
Illegal
Indicates change with respect to the F243/F241 C242 device register maps
Indicates change with respect to the F243/F241, C242 device register maps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com