Electronic Components Datasheet Search
  English  ▼

X  

TUSB320LI Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB320LI
Description  USB Type-C Configuration Channel Logic and Port Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB320LI Datasheet(HTML) 17 Page - Texas Instruments

Back Button TUSB320LI Datasheet HTML 13Page - Texas Instruments TUSB320LI Datasheet HTML 14Page - Texas Instruments TUSB320LI Datasheet HTML 15Page - Texas Instruments TUSB320LI Datasheet HTML 16Page - Texas Instruments TUSB320LI Datasheet HTML 17Page - Texas Instruments TUSB320LI Datasheet HTML 18Page - Texas Instruments TUSB320LI Datasheet HTML 19Page - Texas Instruments TUSB320LI Datasheet HTML 20Page - Texas Instruments TUSB320LI Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
17
TUSB320HI, TUSB320LI
www.ti.com
SLLSEP2B – AUGUST 2015 – REVISED SEPTEMBER 2016
Product Folder Links: TUSB320HI TUSB320LI
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7.5.2 CSR Registers (address = 0x08)
Figure 5. CSR Registers (address = 0x08)
7
6
5
4
3
2
1
0
CURRENT_MODE_ADVERTISE
CURRENT_MODE_DETECT
ACCESSORY_CONNECTED
ACTIVE_CABLE_
DETECTION
RW
RU
RU
RU
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8. CSR Registers (address = 0x08)
Bit
Field
Type
Reset
Description
7:6
CURRENT_MODE_ADVERTISE
RW
00
These bits are programmed by the application to raise the
current advertisement from default.
00 – Default (500 mA / 900 mA) initial value at startup
01 – Mid (1.5 A)
10 – High (3 A)
11 – Reserved
5:4
CURRENT_MODE_DETECT
RU
00
These bits are set when a UFP determines the Type-C Current
mode.
00 – Default (value at start up)
01 – Medium
10 – Charge through accessory – 500 mA
11 – High
3:1
ACCESSORY_CONNECTED
RU
000
These bits are read by the application to determine if an
accessory was attached.
000 – No accessory attached (default)
001 – Reserved
010 – Reserved
011 – Reserved
100 – Audio accessory
101 – Audio charged thru accessory
110 – Debug accessory when TUSB320 is connected as a DFP.
111 – Debug accessory when TUSB320 is connected as a UFP.
0
ACTIVE_CABLE_DETECTION
RU
0
This flag indicates that an active cable has been plugged into
the Type-C connector. When this field is set, an active cable is
detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com