Electronic Components Datasheet Search
  English  ▼

X  

TUSB320LI Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB320LI
Description  USB Type-C Configuration Channel Logic and Port Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB320LI Datasheet(HTML) 27 Page - Texas Instruments

Back Button TUSB320LI Datasheet HTML 23Page - Texas Instruments TUSB320LI Datasheet HTML 24Page - Texas Instruments TUSB320LI Datasheet HTML 25Page - Texas Instruments TUSB320LI Datasheet HTML 26Page - Texas Instruments TUSB320LI Datasheet HTML 27Page - Texas Instruments TUSB320LI Datasheet HTML 28Page - Texas Instruments TUSB320LI Datasheet HTML 29Page - Texas Instruments TUSB320LI Datasheet HTML 30Page - Texas Instruments TUSB320LI Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
27
TUSB320HI, TUSB320LI
www.ti.com
SLLSEP2B – AUGUST 2015 – REVISED SEPTEMBER 2016
Product Folder Links: TUSB320HI TUSB320LI
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
8.2.3.1 Design Requirements
For this design example, use the parameters listed in Table 16:
Table 16. Design Requirements for UFP in I2C Mode
DESIGN PARAMETER
VALUE
VDD (2.75 V to 5 V)
5 V
Mode (I2C or GPIO)
I2C: ADDR pin must be pulled down or pulled up
I2C address (0x67 or 0x47)
0x47: ADDR pin must be pulled low or tied to GND
Type-C port type (UFP, DFP, or DRP)
UFP: PORT pin is pulled down
Shutdown support
No
8.2.3.2 Detailed Design Procedure
The TUSB320 device supports a VDD in the range of 2.75 V to 5 V. In this particular case, VDD is set to 5 V. A
100-nF capacitor is placed near VDD. If VBUS is guaranteed to be less than 5.5 V, powering the TUSB320 device
through a diode can be implemented.
The TUSB320 device is placed into I2C mode by either pulling the ADDR pin high or low. In this case, the ADDR
pin is tied to GND which results in a I2C address of 0x47. The SDA and SCL must be pulled up to either 1.8 V or
3.3 V. When pulled up to 3.3 V, the VDD supply must be at least 3 V to keep from back-driving the I
2C interface.
The TUSB320L device can enter shutdown mode by pulling the EN_N pin high, which puts the TUSB320L device
into a low power state. In this case, external control of the EN_N pin is not implemented and therefore the EN_N
pin is tied to GND. The TUSB320H device can enter shutdown mode by pulling the EN pin low, which puts the
TUSB320H device into a low power state. In this case, external control of the EN pin is not implemented and
therefore the EN pin is tied to 1.8V or 3.3V.
The INT_N/OUT3 pin is used to notify the PMIC when a change in the TUSB320 I2C registers occurs. This pin is
an open drain output and requires an external pullup resistor. The pin should be pulled up to VDD using a 200-kΩ
resistor.
The Type-C port mode is determined by the state of the PORT pin. When the PORT pin is pulled low, the
TUSB320 device is in UFP mode. The Type-C port mode can also be controlled by the MODE_SELECT register
through the I2C interface.
The VBUS_DET pin must be connected through a 900-kΩ resistor to VBUS on the Type-C that is connected. This
large resistor is required to protect the TUSB320 device from large VBUS voltage that is possible in present day
systems. This resistor along with internal pulldown keeps the voltage observed by the TUSB320 device in the
recommended range.
The USB2 specification requires the bulk capacitance on VBUS based on UFP or DFP. When operating the
TUSB320 device in a UFP mode, a bulk capacitance between 1 to 10µF is required. In this particular case, a 1-
µF capacitor was chosen.
8.2.3.3 Application Curves
Figure 21. Application Curve for UFP in I2C Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com