Electronic Components Datasheet Search
  English  ▼

X  

TUSB320LI Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB320LI
Description  USB Type-C Configuration Channel Logic and Port Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB320LI Datasheet(HTML) 12 Page - Texas Instruments

Back Button TUSB320LI Datasheet HTML 8Page - Texas Instruments TUSB320LI Datasheet HTML 9Page - Texas Instruments TUSB320LI Datasheet HTML 10Page - Texas Instruments TUSB320LI Datasheet HTML 11Page - Texas Instruments TUSB320LI Datasheet HTML 12Page - Texas Instruments TUSB320LI Datasheet HTML 13Page - Texas Instruments TUSB320LI Datasheet HTML 14Page - Texas Instruments TUSB320LI Datasheet HTML 15Page - Texas Instruments TUSB320LI Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
12
TUSB320HI, TUSB320LI
SLLSEP2B – AUGUST 2015 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: TUSB320HI TUSB320LI
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7.2.3.2 Debug Accessory
Debug is an additional state supported by USB Type-C. The specification does not define a specific user
scenario for this state, but it is important because the end user could use debug accessory mode to enter a test
state for production specific to the application. Charge through debug accessory is not supported by TUSB320
when in DRP or UFP mode.
7.2.4 I2C and GPIO Control
The TUSB320 device can be configured for I2C communication or GPIO outputs using the ADDR pin. The ADDR
pin is a tri-level control pin. When the ADDR pin is left floating (NC), the TUSB320 device is in GPIO output
mode. When the ADDR pin is pulled high or pulled low, the TUSB320 device is in I2C mode.
All outputs for the TUSB320 device are open drain configuration.
The OUT1 and OUT2 pins are used to output the Type-C current mode when in GPIO mode. Additionally, the
OUT3 pin is used to communicate the audio accessory mode in GPIO mode. Table 3 lists the output pin settings.
See for more information.
Table 3. Simplified Operation for OUT1 and OUT2
OUT1
OUT2
ADVERTISEMENT
H
H
Default Current in Unattached State
H
L
Default Current in Attached State
L
H
Medium Current (1.5 A) in Attached State
L
L
High Current (3.0 A) in Attached State
When operating in I2C mode, the TUSB320 device uses the SCL and SDA lines for clock and data and the
INT_N pin to communicate a change in I2C registers, or an interrupt, to the system. The INT_N pin is pulled low
when the TUSB320 device updates the registers with new information. The INT_N pin is open drain. The
INTERRUPT_STATUS register will be set when the INT_N pin is pulled low. To clear the INTERRUPT_STATUS
register, the end user writes to I2C.
When operating in GPIO mode, the OUT3 pin is used in place of the INT_N pin to determine if an audio
accessory is detected and attached. The OUT3 pin is pulled low when an audio accessory is detected.
NOTE
When using the 3.3 V supply for I2C, the end user must ensure that the VDD is 3 V and
above. Otherwise the I2C may back power the device.
7.2.5 VBUS Detection
The TUSB320 device supports VBUS detection according to the Type-C Specification. VBUS detection is used to
determine the attachment and detachment of a UFP and to determine the entering and exiting of accessary
modes. VBUS detection is also used to successfully resolve the role in DRP mode.
The system VBUS voltage must be routed through a 900-kΩ resistor to the VBUS_DET pin on the TUSB320
device if the PORT pin is configured as a DRP or a UFP. If the TUSB320 device is configured as a DFP and only
ever used in DFP mode, the VBUS_DET pin can be left unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com