Electronic Components Datasheet Search
  English  ▼

X  

TUSB320LI Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB320LI
Description  USB Type-C Configuration Channel Logic and Port Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB320LI Datasheet(HTML) 20 Page - Texas Instruments

Back Button TUSB320LI Datasheet HTML 16Page - Texas Instruments TUSB320LI Datasheet HTML 17Page - Texas Instruments TUSB320LI Datasheet HTML 18Page - Texas Instruments TUSB320LI Datasheet HTML 19Page - Texas Instruments TUSB320LI Datasheet HTML 20Page - Texas Instruments TUSB320LI Datasheet HTML 21Page - Texas Instruments TUSB320LI Datasheet HTML 22Page - Texas Instruments TUSB320LI Datasheet HTML 23Page - Texas Instruments TUSB320LI Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
20
TUSB320HI, TUSB320LI
SLLSEP2B – AUGUST 2015 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: TUSB320HI TUSB320LI
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7.5.5 CSR Registers (address = 0x45)
Figure 8. CSR Registers (address = 0x45)
7
6
5
4
3
2
1
0
—
DISABLE_RD_RP
—
R
RW
RW
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 11. CSR Registers (address = 0x45)
Bit
Field
Type
Reset
Description
7:3
Reserved
R
00000
Reserved
2
DISABLE_RD_RP
RW
0
When this field is set, Rd and Rp are disabled.
0 – Normal operation (default)
1 – Disable Rd and Rp
1:0
Reserved
RW
00
For TI internal use only. Do not change default value.
7.5.6 CSR Registers (address = 0xA0)
Figure 9. CSR Registers (address = 0xA0)
7
6
5
4
3
2
1
0
REVISION
R
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 12. CSR Registers (address = 0xA0)
Bit
Field
Type
Reset
Description
7:0
REVISION
R
0x01
Revision of TUSB320. Defaults to 0x01.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com