Electronic Components Datasheet Search
  English  ▼

X  

TUSB320LI Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB320LI
Description  USB Type-C Configuration Channel Logic and Port Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB320LI Datasheet(HTML) 28 Page - Texas Instruments

Back Button TUSB320LI Datasheet HTML 24Page - Texas Instruments TUSB320LI Datasheet HTML 25Page - Texas Instruments TUSB320LI Datasheet HTML 26Page - Texas Instruments TUSB320LI Datasheet HTML 27Page - Texas Instruments TUSB320LI Datasheet HTML 28Page - Texas Instruments TUSB320LI Datasheet HTML 29Page - Texas Instruments TUSB320LI Datasheet HTML 30Page - Texas Instruments TUSB320LI Datasheet HTML 31Page - Texas Instruments TUSB320LI Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
28
TUSB320HI, TUSB320LI
SLLSEP2B – AUGUST 2015 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: TUSB320HI TUSB320LI
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
8.3 Initialization Set Up
8.3.1 TUSB320L Initialization Procedure
The general power-up sequence for the TUSB320L device (EN_N tied to ground) is as follows:
1. System is powered off (device has no VDD). The TUSB320L device is configured internally in UFP mode with
Rds on CC pins (dead battery).
2. VDD ramps – POR circuit. VDD must ramp within 25 ms or less. IO pull-up power rail (i.e. pull up on ID, INT,
SCL, SDA, ADDR, PORT) must ramp with VDD or lag after VDD.
3. I2C supply ramps up.
4. The TUSB320L device enters unattached mode and determines the voltage level from the PORT pin. This
determines the mode in which the TUSB320L device operates (DFP, UFP, DRP).
5. The TUSB320L device monitors the CC pins as a DFP and VBUS for attach as a UFP.
6. The TUSB320L device enters active mode when attach has been successfully detected.
8.3.2 TUSB320H Initialization Procedure
The general power-up sequence for the TUSB320H device (EN tied to 1.8V or 3.3V) is as follows:
1. System is powered off (device has no VDD). The TUSB320H device is configured internally in UFP mode with
Rds on CC pins (dead battery).
2. VDD ramps – POR circuit. VDD must ramp within 25 ms or less. IO pull-up power rail (i.e. pull up on ID, INT,
SCL, SDA, ADDR, PORT) must ramp with VDD or lag after VDD.
3. I2C supply ramps up.
4. The TUSB320H device enters unattached mode and determines the voltage level from the PORT pin. This
determines the mode in which the TUSB320H device operates (DFP, UFP, DRP).
5. The TUSB320H device monitors the CC pins as a DFP and VBUS for attach as a UFP.
6. The TUSB320H device enters active mode when attach has been successfully detected.
9 Power Supply Recommendations
The TUSB320 device has a wide power supply range from 2.7 to 5 V. The TUSB320 device can be run off of a
system power such as a battery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com