Electronic Components Datasheet Search
  English  ▼

X  

TUSB320LI Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB320LI
Description  USB Type-C Configuration Channel Logic and Port Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB320LI Datasheet(HTML) 26 Page - Texas Instruments

Back Button TUSB320LI Datasheet HTML 22Page - Texas Instruments TUSB320LI Datasheet HTML 23Page - Texas Instruments TUSB320LI Datasheet HTML 24Page - Texas Instruments TUSB320LI Datasheet HTML 25Page - Texas Instruments TUSB320LI Datasheet HTML 26Page - Texas Instruments TUSB320LI Datasheet HTML 27Page - Texas Instruments TUSB320LI Datasheet HTML 28Page - Texas Instruments TUSB320LI Datasheet HTML 29Page - Texas Instruments TUSB320LI Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
A1
A12
B12
B1
A2
A3
A4
A5
A11
A6
A7
A8
A9
A10
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
VBUS
DP
DM
CC1
CC2
TUSB320L
CC1
CC2
VBUS_DET
900K
PORT
4.7K
100nF
VDD_5V
USB2
Device
and
PMIC
4.7K
4.7K
SDA/OUT1
SCL/OUT2
INT_N/OUT3
ID
200K
200K
I2C I/O
1.8V or 3.3V
DM
DP
VBUS
D1
INT#
SCL
SDA
Optional power
TUSB320 with VBUS
less than 5.5V
1uF
Copyright © 2016, Texas Instruments Incorporated
CC/Mode
Controller
PMIC
TUSB320
VDD
VPH
CC1
CC2
DP
DM
PORT
VBUS
ID
Processor
GPIOs
VBUS
I2C
Copyright © 2016, Texas Instruments Incorporated
CC/Mode
Controller
TUSB320
VDD
CC1
CC2
DP
DM
PORT
Processor
GPIOs
VBUS
GND
VBUS
ID
2.7 - 5 V
5 V
I2C
Copyright © 2016, Texas Instruments Incorporated
26
TUSB320HI, TUSB320LI
SLLSEP2B – AUGUST 2015 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: TUSB320HI TUSB320LI
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
8.2.3 UFP in I2C Mode
Figure 18 and Figure 19 show a Type-C configuration for the UFP mode.
Figure 18. TUSB320 in UFP Mode Supporting Default
Implementation
Figure 19. TUSB320 in UFP Mode Supporting Advanced
Power Delivery
Figure 20 shows the TUSB320 device configured as a UFP in I2C mode.
Figure 20. UFP in I2C Mode Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com