Electronic Components Datasheet Search
  English  ▼

X  

REG104FA Datasheet(PDF) 4 Page - Texas Instruments

Part # REG104FA
Description  DMOS 1A Low-Dropout Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG104FA Datasheet(HTML) 4 Page - Texas Instruments

  REG104FA Datasheet HTML 1Page - Texas Instruments REG104FA Datasheet HTML 2Page - Texas Instruments REG104FA Datasheet HTML 3Page - Texas Instruments REG104FA Datasheet HTML 4Page - Texas Instruments REG104FA Datasheet HTML 5Page - Texas Instruments REG104FA Datasheet HTML 6Page - Texas Instruments REG104FA Datasheet HTML 7Page - Texas Instruments REG104FA Datasheet HTML 8Page - Texas Instruments REG104FA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
SBVS025G
REG104
4
TYPICAL CHARACTERISTICS
For all models, at TJ = +25°C and VENABLE = 2V, unless otherwise noted.
0
200
100
600
500
400
300
700
800 900 1000
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1
–1.2
Output Current (mA)
OUTPUT VOLTAGE CHANGE vs I
OUT
(V
IN = VOUT + 1V, Output Voltage % Change
Referred to I
OUT = 10mA at +25°C)
+125
°C
+25
°C
–55
°C
0
200
600
400
800
1000
350
300
250
200
150
100
50
0
I
OUT (mA)
DC DROPOUT VOLTAGE vs I
OUT
+125
°C
+25
°C
–55
°C
–60
–40
–20
40
60
0
20
100
80
120
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1
–1.2
Temperature (
°C)
OUTPUT VOLTAGE CHANGE vs I
OUT
(Output Voltage % Change Referred to
I
OUT = 10mA at +25°C)
I
OUT = 10mA
I
OUT = 200mA
I
OUT = 1000mA
–75
–50
–25
25
50
0
100
75
125
350
300
250
200
150
100
50
0
Temperature (
°C)
DC DROPOUT VOLTAGE vs TEMPERATURE
I
OUT = 1000mA
I
OUT = 200mA
I
OUT = 10mA
–75
–50
–25
25
50
0
100
75
125
0.5
0.4
0.3
0.2
0.1
0
Temperature (
°C)
LINE REGULATION vs TEMPERATURE
(V
IN = VOUT + 1V to 16V)
I
OUT = 10mA
I
OUT = 200mA
02
68
410
12
0.5
0
–0.5
–1
–1.5
–2
Input Voltage Above V
OUT (V)
OUTPUT VOLTAGE CHANGE vs V
IN
(Output Voltage % Change Referred to
V
IN = VOUT + 1V at IOUT = 10mA)
I
OUT = 10mA
I
OUT = 1000mA
I
OUT = 200mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com