Electronic Components Datasheet Search
  English  ▼

X  

REG104FA Datasheet(PDF) 7 Page - Texas Instruments

Part # REG104FA
Description  DMOS 1A Low-Dropout Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG104FA Datasheet(HTML) 7 Page - Texas Instruments

Back Button REG104FA Datasheet HTML 3Page - Texas Instruments REG104FA Datasheet HTML 4Page - Texas Instruments REG104FA Datasheet HTML 5Page - Texas Instruments REG104FA Datasheet HTML 6Page - Texas Instruments REG104FA Datasheet HTML 7Page - Texas Instruments REG104FA Datasheet HTML 8Page - Texas Instruments REG104FA Datasheet HTML 9Page - Texas Instruments REG104FA Datasheet HTML 10Page - Texas Instruments REG104FA Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
REG104
7
SBVS025G
TYPICAL CHARACTERISTICS (Cont.)
For all models, at TJ = +25°C and VENABLE = 2V, unless otherwise noted.
0
200
400
600
800
1000
75
70
65
60
55
50
45
40
I
OUT (mA)
RIPPLE REJECTION vs I
OUT
V
RIPPLE = 3Vp-p, f = 120Hz
2V
V
ENABLE
V
OUT
0
250
µs/div
SOFT START
2V
V
ENABLE
V
OUT
0
10
µs/div
OUTPUT DISABLE TIME
C
OUT = 0
OUTPUT VOLTAGE DRIFT HISTOGRAM
V
OUT Drift (ppm/°C)
40
45
50
55
60
65
70
75
80
85
90
45
40
35
30
25
20
15
10
5
0
OUTPUT VOLTAGE ACCURACY HISTOGRAM
Error (%)
–1
–0.8 –0.6 –0.4 –0.2
0
0.2
0.4
0.6
0.8
1
60
50
40
30
20
10
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com