Electronic Components Datasheet Search
  English  ▼

X  

REG104FA Datasheet(PDF) 17 Page - Texas Instruments

Part # REG104FA
Description  DMOS 1A Low-Dropout Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG104FA Datasheet(HTML) 17 Page - Texas Instruments

Back Button REG104FA Datasheet HTML 13Page - Texas Instruments REG104FA Datasheet HTML 14Page - Texas Instruments REG104FA Datasheet HTML 15Page - Texas Instruments REG104FA Datasheet HTML 16Page - Texas Instruments REG104FA Datasheet HTML 17Page - Texas Instruments REG104FA Datasheet HTML 18Page - Texas Instruments REG104FA Datasheet HTML 19Page - Texas Instruments REG104FA Datasheet HTML 20Page - Texas Instruments REG104FA Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
REG104FA-2.5
OBSOLETE
DDPAK/
TO-263
KTT
5
TBD
Call TI
Call TI
REG104FA-2.5/500
NRND
DDPAK/
TO-263
KTT
5
500
Green (RoHS &
no Sb/Br)
Call TI
Level-2-260C-1 YEAR
REG104FA-2.5KTTT
NRND
DDPAK/
TO-263
KTT
5
50
Green (RoHS &
no Sb/Br)
Call TI
Level-2-260C-1 YEAR
REG104FA-2.7
OBSOLETE
DDPAK/
TO-263
KTT
5
TBD
Call TI
Call TI
REG104FA-2.7KTTT
ACTIVE
DDPAK/
TO-263
KTT
5
50
Green (RoHS &
no Sb/Br)
Call TI
Level-2-260C-1 YEAR
REG104FA-3
OBSOLETE
DDPAK/
TO-263
KTT
5
TBD
Call TI
Call TI
REG104FA-3.3
OBSOLETE
DDPAK/
TO-263
KTT
5
TBD
Call TI
Call TI
REG104FA-3.3/500
ACTIVE
DDPAK/
TO-263
KTT
5
500
Green (RoHS &
no Sb/Br)
Call TI
Level-2-260C-1 YEAR
REG104FA-3.3KTTT
ACTIVE
DDPAK/
TO-263
KTT
5
50
Green (RoHS &
no Sb/Br)
Call TI
Level-2-260C-1 YEAR
REG104FA-3/500
NRND
DDPAK/
TO-263
KTT
5
500
Green (RoHS &
no Sb/Br)
Call TI
Level-2-260C-1 YEAR
REG104FA-3/500G3
ACTIVE
DDPAK/
TO-263
KTT
5
500
Green (RoHS &
no Sb/Br)
Call TI
Level-2-260C-1 YEAR
REG104FA-3KTTT
NRND
DDPAK/
TO-263
KTT
5
50
Green (RoHS &
no Sb/Br)
Call TI
Level-2-260C-1 YEAR
REG104FA-3KTTTG3
ACTIVE
DDPAK/
TO-263
KTT
5
50
Green (RoHS &
no Sb/Br)
Call TI
Level-2-260C-1 YEAR
REG104FA-5
OBSOLETE
DDPAK/
TO-263
KTT
5
TBD
Call TI
Call TI
REG104FA-5/500
ACTIVE
DDPAK/
TO-263
KTT
5
500
Green (RoHS &
no Sb/Br)
Call TI
Level-2-260C-1 YEAR
REG104FA-5/500G3
ACTIVE
DDPAK/
TO-263
KTT
5
500
Green (RoHS &
no Sb/Br)
Call TI
Level-2-260C-1 YEAR
REG104FA-5KTTT
ACTIVE
DDPAK/
TO-263
KTT
5
50
Green (RoHS &
no Sb/Br)
Call TI
Level-2-260C-1 YEAR
REG104FA-A
OBSOLETE
DDPAK/
TO-263
KTT
5
TBD
Call TI
Call TI
REG104FA-A/500
ACTIVE
DDPAK/
TO-263
KTT
5
500
Green (RoHS &
no Sb/Br)
Call TI
Level-2-260C-1 YEAR
REG104FA-AKTTT
ACTIVE
DDPAK/
TO-263
KTT
5
50
Green (RoHS &
no Sb/Br)
Call TI
Level-2-260C-1 YEAR
REG104GA-2.5
NRND
SOT-223
DCQ
6
78
Green (RoHS &
no Sb/Br)
Call TI
Level-2-260C-1 YEAR
REG104GA-2.5/2K5
NRND
SOT-223
DCQ
6
2500 Green (RoHS &
no Sb/Br)
Call TI
Level-2-260C-1 YEAR
REG104GA-2.5G4
ACTIVE
SOT-223
DCQ
6
78
Green (RoHS &
no Sb/Br)
Call TI
Level-2-260C-1 YEAR
REG104GA-2.7
ACTIVE
SOT-223
DCQ
6
78
Green (RoHS &
no Sb/Br)
Call TI
Level-2-260C-1 YEAR
REG104GA-2.7G4
ACTIVE
SOT-223
DCQ
6
78
Green (RoHS &
no Sb/Br)
Call TI
Level-2-260C-1 YEAR
PACKAGE OPTION ADDENDUM
www.ti.com
28-Nov-2005
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com