Electronic Components Datasheet Search
  English  ▼

X  

REG104FA Datasheet(PDF) 9 Page - Texas Instruments

Part # REG104FA
Description  DMOS 1A Low-Dropout Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG104FA Datasheet(HTML) 9 Page - Texas Instruments

Back Button REG104FA Datasheet HTML 5Page - Texas Instruments REG104FA Datasheet HTML 6Page - Texas Instruments REG104FA Datasheet HTML 7Page - Texas Instruments REG104FA Datasheet HTML 8Page - Texas Instruments REG104FA Datasheet HTML 9Page - Texas Instruments REG104FA Datasheet HTML 10Page - Texas Instruments REG104FA Datasheet HTML 11Page - Texas Instruments REG104FA Datasheet HTML 12Page - Texas Instruments REG104FA Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
REG104
9
SBVS025G
0
2
4
6
8
10
12
14
16
100
10
1
0.1
0.01
0.001
Enable Voltage
FIGURE 4. Enable Pin Current versus Applied Voltage.
The Enable Pin Current versus Applied Voltage relationship
is shown in Figure 4. When the Enable pin is connected to
VIN greater than 10V, a series resistor may be used to limit
the current.
FIGURE 5. Block Diagram.
FIGURE 6. Output Noise versus Noise Reduction Capacitor.
Since the value of VREF is 1.295V, this relationship reduces to:
V
V
V
V
N
RMS
OUT
=
µ
•
35
Connecting a capacitor, CNR, from the Noise-Reduction (NR)
pin to ground can reduce the output noise voltage. Adding
CNR, as shown in Figure 5, forms a low-pass filter for the
voltage reference. For CNR = 10nF, the total noise in the
10Hz to 100kHz bandwidth is reduced by approximately
a factor of 3.5. This noise reduction effect is shown in
Figure 6.
Over Current
Over Temp
Protection
V
REF
(1.295V)
Low Noise
Charge Pump
DMOS
Output
R
1
NOTE: R
1 and R2 are internal
on fixed output versions.
V
OUT
Adj
(Adjustable
Versions)
R
2
NR
(fixed output
versions only)
Enable
REG104
V
IN
C
NR
(optional)
0.001
0.01
0.1
1
45
35
25
C
NR (µF)
C
OUT = 0
C
OUT = 10µF
REG104-3.3
OUTPUT NOISE
A precision band-gap reference is used for the internal
reference voltage, VREF, for the REG104. This reference is
the dominant noise source within the REG104. It generates
approximately 45
µV
RMS in the 10Hz to 100kHz bandwidth at
the reference output. The regulator control loop gains up the
reference noise, so that the noise voltage of the regulator is
approximately given by:
VV
RR
R
V
V
V
N
RMS
RMS
OUT
REF
=µ
+
=µ
•
45
2
45
12
The REG104 adjustable version does not have the noise-
reduction pin available, however, the adjust pin is the
summing junction of the error amplifier. A capacitor, CFB,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com