Electronic Components Datasheet Search
  English  ▼

X  

REG104FA Datasheet(PDF) 8 Page - Texas Instruments

Part # REG104FA
Description  DMOS 1A Low-Dropout Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG104FA Datasheet(HTML) 8 Page - Texas Instruments

Back Button REG104FA Datasheet HTML 4Page - Texas Instruments REG104FA Datasheet HTML 5Page - Texas Instruments REG104FA Datasheet HTML 6Page - Texas Instruments REG104FA Datasheet HTML 7Page - Texas Instruments REG104FA Datasheet HTML 8Page - Texas Instruments REG104FA Datasheet HTML 9Page - Texas Instruments REG104FA Datasheet HTML 10Page - Texas Instruments REG104FA Datasheet HTML 11Page - Texas Instruments REG104FA Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
SBVS025G
REG104
8
BASIC OPERATION
The REG104 series is a family of LDO (Low DropOut) linear
regulators. The family includes five fixed output versions
(2.5V to 5.0V) and an adjustable output version. An internal
DMOS power device provides low dropout regulation with
near constant ground pin current (largely independent of load
and dropout conditions) and very fast line and load transient
response. All versions include internal current limit and
thermal shutdown circuitry.
Figure 1 shows the basic circuit connections for the fixed
voltage models. Figure 2 gives the connections for the
adjustable output version (REG104A) and example resistor
values for some commonly used output voltages. Values for
other voltages can be calculated from the equation shown in
Figure 2.
FIGURE 1. Fixed Voltage Nominal Circuit for REG104.
REG104
Enable
V
OUT
C
OUT
V
IN
0.1
µF
C
NR
0.01
µF
Gnd
NR
In
Out
Optional
FIGURE 2. Adjustable Voltage Circuit for REG104A.
V
OUT = (1 + R1/R2) • 1.295V
Pin numbers for SOT-223 package.
REG104
V
IN
0.1
µF
3
1
Gnd
V
OUT
R
1
C
FB
0.01
µF
C
OUT
Adj
R
2
I
ADJ
Load
2
4
5
Enable
To reduce current through divider, increase resistor
values (see table at right).
As the impedance of the resistor divider increases,
I
ADJ (~200nA) may introduce an error.
C
FB improves noise and transient response.
V
OUT (V)
R
1 (Ω)
(1)
R
2 (Ω)
(1)
1.295
Short
Open
2.5
12.1k
13k
1.21k
1.3k
3
16.9k
13k
1.69k
1.3k
3.3
20k
13k
2.0k
1.3k
5
37.4k
13k
3.74k
1.3k
NOTE: (1) Resistors are standard 1% values.
EXAMPLE RESISTOR VALUES
Optional
Enable
V
Z = 10V
175k
Ω
FIGURE 3. Enable Pin Equivalent Input Circuit.
None of the versions require an output capacitor for regulator
stability. The REG104 will accept any output capacitor type
less than 1
µF. For capacitance values larger than 1µF the
effective ESR should be greater than 0.1
Ω. This minimum
ESR value includes parasitics such as printed circuit board
traces, solder joints, and sockets. A minimum 0.1
µF low ESR
capacitor connected to the input supply voltage is recom-
mended.
ENABLE
The Enable pin allows the regulator to be turned on and off.
This pin is active HIGH and compatible with standard TTL-
CMOS levels. Inputs below 0.5V (max) turn the regulator off
and all circuitry is disabled. Under this condition ground-pin
current drops to approximately 0.5
µA.
When not used, the Enable pin may be connected to VIN.
Internal to the part, the Enable pin is connected to an input
resistor-zener diode circuit, as shown in Figure 3, creating a
nonlinear input impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com