Electronic Components Datasheet Search
  English  ▼

X  

REG104FA Datasheet(PDF) 12 Page - Texas Instruments

Part # REG104FA
Description  DMOS 1A Low-Dropout Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG104FA Datasheet(HTML) 12 Page - Texas Instruments

Back Button REG104FA Datasheet HTML 8Page - Texas Instruments REG104FA Datasheet HTML 9Page - Texas Instruments REG104FA Datasheet HTML 10Page - Texas Instruments REG104FA Datasheet HTML 11Page - Texas Instruments REG104FA Datasheet HTML 12Page - Texas Instruments REG104FA Datasheet HTML 13Page - Texas Instruments REG104FA Datasheet HTML 14Page - Texas Instruments REG104FA Datasheet HTML 15Page - Texas Instruments REG104FA Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
SBVS025G
REG104
12
FIGURE 10. Thermal Resistance versus PCB Area for the Five-Lead DDPAK.
FIGURE 11. Thermal Resistance versus PCB Area for the Five Lead SOT-223.
50
40
30
20
10
0
012345
Copper Area (inches2)
REG104
Surface Mount Package
1 oz. copper
Circuit Board Copper Area
REG104
DDPAK Surface Mount Package
THERMAL RESISTANCE vs PCB COPPER AREA
THERMAL RESISTANCE vs PCB COPPER AREA
180
160
140
120
100
80
60
40
20
0
012345
Copper Area (inches2)
Circuit Board Copper Area
REG104
SOT-223 Surface Mount Package
REG104
Surface Mount Package
1 oz. copper
REGULATOR MOUNTING
The tab of both packages is electrically connected to ground.
For best thermal performance, the tab of the DDPAK sur-
face-mount version should be soldered directly to a circuit-
board copper area. Increasing the copper area improves
heat dissipation. Figure 10 shows typical thermal resistance
from junction to ambient as a function of the copper area for
the DDPAK. Figure 11 shows the same relationship for the
SOT-223.
Although the tabs of the DDPAK and the SOT-223 are
electrically grounded, they are not intended to carry any
current. The copper pad that acts as a heat sink should be
isolated from the rest of the circuit to prevent current flow
through the device from the tab to the ground pin. Solder pad
footprint recommendations for the various REG104 devices
are presented in the Application Bulletin
Solder Pad Recom-
mendations for Surface-Mount Devices (SBFA015A), avail-
able from the Texas Instruments web site (www.ti.com).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com