Electronic Components Datasheet Search
  English  ▼

X  

REG104FA Datasheet(PDF) 5 Page - Texas Instruments

Part # REG104FA
Description  DMOS 1A Low-Dropout Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG104FA Datasheet(HTML) 5 Page - Texas Instruments

  REG104FA Datasheet HTML 1Page - Texas Instruments REG104FA Datasheet HTML 2Page - Texas Instruments REG104FA Datasheet HTML 3Page - Texas Instruments REG104FA Datasheet HTML 4Page - Texas Instruments REG104FA Datasheet HTML 5Page - Texas Instruments REG104FA Datasheet HTML 6Page - Texas Instruments REG104FA Datasheet HTML 7Page - Texas Instruments REG104FA Datasheet HTML 8Page - Texas Instruments REG104FA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
REG104
5
SBVS025G
TYPICAL CHARACTERISTICS (Cont.)
For all models, at TJ = +25°C and VENABLE = 2V, unless otherwise noted.
6V
V
IN
V
OUT
V
OUT
5V
50
µs/div
LINE TRANSIENT RESPONSE
C
OUT = 10µF
C
OUT = 0
REG104-3.3
I
OUT = 200mA
1A
I
LOAD
V
OUT
V
OUT
10mA
10
µs/div
LOAD TRANSIENT RESPONSE
C
OUT = 10µF
C
OUT = 0
REG104-3.3
C
OUT = 0
REG104–A
C
FB = 0.01µF, VOUT = 3.3V
C
OUT = 10µF
I
LOAD
1A
10mA
LOAD TRANSIENT RESPONSE
10
µs/div
C
OUT = 0
REG104–A
Load = 200mA, C
FB = 0.01µF, VOUT = 3.3V
C
OUT = 10µF
V
IN
6V
5V
LOAD TRANSIENT RESPONSE
50
µs/div
0.5
0.4
0.3
0.2
0.1
0
Temperature (
°C)
LOAD REGULATION vs TEMPERATURE
(V
IN = VOUT + 1V and 10mA < IOUT < 1000mA)
–60
–40
–20
40
60
0
20
100
80
120
10
100
1000
10000
100,000
10
5
2
1
0.5
0.2
0.1
0.05
0.02
0.01
Frequency (Hz)
OUTPUT NOISE DENSITY
C
NR = 0
C
OUT = 0
C
NR = 0.01µF
C
OUT = 10µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com